Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN5192K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN5192K
Description  Single chip IC with I2C bus Interface for PAL/NTSC color TV system
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN5192K Datasheet(HTML) 3 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ICs for TV
AN5192K
3
s Pin Description
Pin No.
Description
33
External Audio Input
34
SIF Input/DAC Output
35
IF AGC Filter
36
Video Output
37
SIF APC Filter
38
Internal Video Input
39
VIF Detect Output
40
VIF APC1 Filter
41
VIF VCO (fP/2)
42
Black Level Det./Blank off SW
43
Y Input
44
Ver.Sync.Clamp
45
Ver.Sync.Input
46
Hor.Sync.Input
47
VCC3-2 (Chroma/Jungle/DAC)
48
Chroma Input/Black Expansion Start
49
GND (Video/Chroma/Jungle)
50
FBP Input
51
VCC2 (Hor.Stability Supply)
52
AFC2 Filter
53
AFC1 Filter
54
Hor.VCO (32 fH)
55
X-ray Protection Input
56
Hor.Pulse Output
57
50 Hz/60 Hz Detect Output
58
Ver. Pulse Output
59
SECAM Interface
60
-(B-Y) Output
61
-(R-Y) Output
62
Sandcastle Pulse Output
63
-(B-Y) Input
64
-(R-Y) Input
Pin No.
Description
1
(R-Y) Clamp
2
(G-Y) Clamp
3
(B-Y) Clamp
4
Killer Filter
5
Killer Output
6
Chroma APC Filter
7
Chroma VCO (4.43 MHz)
8
Chroma VCO (3.58 MHz)
9
Spot Killer
10
Ys Input (Fast blanking)
11
External R Input
12
External G Input
13
External B Input
14
VCC1
15
R Output
16
G Output
17
B Output
18
Hor.Lock Detect
19
GND (RGB/I2C/DAC)
20
ACL
21
SDA
22
SCL
23
VCC3-1 (VIF/SIF)
24
VIF Input 1
25
VIF Input 2
26
GND (VIF/SIF)
27
RF AGC Output
28
Audio Output
29
De-emphasis
30
AFT Output
31
External Video Input
32
DC Decoupleling Filter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn