Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B16232V Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16232V
Description  3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16232V Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16232V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16232V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16232V Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS8178B
11/09/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B16232
3.3V, Synchronous 16-Bit to 32-Bit
FET Mux/Demux BusSwitch
Power Supply Characteristics
Parameters
Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC = MAX.VIN = GND or VCC
——10
µA
Supply Current
∆ICC
Supply Current per
VCC = MAX.VIN = 3.0 V
(3)
750
µA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
0.25
mA/
Input per MHz
(4)
A and B Pins Open
MHz
BE = GND
Control Input Toggling
50% Duty Cycling
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device.
2. Typical values are at Vcc = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Switching Characteristics over Operating Range
Notes:
1. See Test Circuits and Waveforms.
2. This parameter is guaranteed by design but not tested.
3. The bus switch contributes no propagational delay other than the RC delay of ON resistance of the switch and
the load capacitance.
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
V
6
.
3
o
t
0
.
3
=
c
c
V
s
ti
n
U
.
n
i
M.
x
a
M
fCLK
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
5
1z
H
M
tW
n
o
it
a
r
u
D
e
sl
u
Pw
o
l
r
o
h
g
i
h
K
L
C3
.
3
s
n
ste
m
i
T
p
u
t
e
S
K
L
C
e
r
o
f
e
b
1
S
,
0
S
9
.
1
K
L
C
e
r
o
f
e
b
N
E
K
L
C
9
.
1
h
te
m
i
T
d
l
o
H
K
L
C
r
e
tf
a
1
S
,
0
S
1
K
L
C
r
e
tf
a
N
E
K
L
C
8
.
1
n
e
te
m
i
T
el
b
a
n
E2
B
,
1
B
o
t
K
L
C1
5
si
d
te
m
i
T
el
b
a
si
D2
B
,
1
B
o
t
K
L
C1
6
d
p
t
1
)
3
,
2
(
n
o
it
a
g
a
p
o
r
P
y
al
e
D
B
o
t
A5
2
.
0
d
p
t
2
n
o
it
a
g
a
p
o
r
P
y
al
e
D
A
o
t
K
L
C1
5
.
4


Similar Part No. - PI3B16232V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16233 PERICOM-PI3B16233 Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PI3B16233A PERICOM-PI3B16233A Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16233AE PERICOM-PI3B16233AE Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results

Similar Description - PI3B16232V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PI5C16233C PERICOM-PI5C16233C Datasheet
220Kb / 3P
   16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
   3.3Volt, 24-Bit Mux/Demux BusSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Integrated Device Techn...
IDT74FST163232 IDT-IDT74FST163232 Datasheet
88Kb / 6P
   16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
   8:1 Mux/DeMux BusSwitch
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
   3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com