Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD69208T4 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology PD69208T4 Datasheet HTML 11Page - Microchip Technology PD69208T4 Datasheet HTML 12Page - Microchip Technology PD69208T4 Datasheet HTML 13Page - Microchip Technology PD69208T4 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
...........continued
Symbol
Conditions
Typ
Max
Units
Accuracy
50 mA < IPORT < 150 mA
9
%
150 mA < IPORT < 350 mA
4.5
%
IPORT > 350 mA (PD69208M)
3.5
%
350 mA < IPORT < 600 mA (PD6920xT4)
3.5
%
600 mA < IPORT < 800 mA (PD6920xT4)
3.0
%
IPORT > 800 mA (PD6920xT4)
1.5
%
2.7
Port Voltage Monitoring
Table 2-7. Port Voltage Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
10
Bits
LSB
58.6
mV
Measurement period
3
ms
Accuracy
3.3
%
2.8
Main Voltage Monitoring
Table 2-8. Main Voltage Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
10
Bits
LSB
58.6
mV
Measurement period
3
ms
Accuracy (PD69208T4-PD69204T4)
42 V < VMAIN < 50 V
2.1
%
50 V < VMAIN < 57 V
1.5
%
50 V < VMAIN < 57 V1
0.6
%
Accuracy (PD69208M)
42 V < VMAIN < 50 V
3.0
%
50 V < VMAIN < 57 V
2.2
%
1.
0 °C–70 °C
2.9
Temperature Monitoring
Table 2-9. Temperature Monitoring
Symbol
Conditions
Min
Typ
Max
Units
Resolution
8
Bits
LSB
Temperature = (DATA x 1.9384)–277
1.9384
°C
PD69208T4/PD69204T4/PD69208M
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 10


Similar Part No. - PD69208T4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
PD69200C-018818 MICROCHIP-PD69200C-018818 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
More results

Similar Description - PD69208T4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
   PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com