Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJM2381 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJM2381
Description  SWITCHING REGULATOR CONTROL IC FOR FLYBACK WITH CURRENT SENSE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJM2381 Datasheet(HTML) 5 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJM2381
- 5 -
s
TYPICAL APPLICATIONS
1
VREF
CURRENT
SENSE AMP
ER·AMP
L.O
500Ω
U.V.LO
OSC
PWM
9
8
7
6
5
4
3
2
10
0.52V
36kΩ
GND
2.50V
V
+
VOUT
330kΩ
330kΩ
4.7µF
1000pF
(Package:SSOP10)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn