Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 43172015
Description  Device connector, front mounting - CA-12S1NA22S00
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619925
04/01/2016   Page 3 / 4
Device connector, front mounting - CA-12S1NA22S00 - 1619925
Approvals
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
8 A
Nominal voltage UN
150 V
cUL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
6 A
Nominal voltage UN
150 V
EAC 
cULus Recognized 
Drawings


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-19P1N12HZ00
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-06P1N126Y00
1624051 PHOENIX-1624051 Datasheet
320Kb / 6P
   Device connector, front mounting - CA-12S1N126L00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09P1NA22S00
1619928 PHOENIX-1619928 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-07P1NA22S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
   Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
   Device connector, front mounting - CA-17P1NC22S00
1619957 PHOENIX-1619957 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-19S1N122S00
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz