Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3732-07STR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3732-07STR
Description  ADSL VCXO CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3732-07STR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3732-07STR Datasheet HTML 1Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 2Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 3Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 4Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 5Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MDS 3732-07 F
1
Revision 100102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
ADSL VCXO CLOCK SOURCE
MK3732-07
Description
The MK3732-07 is a low cost, low jitter, high
performance VCXO and PLL clock synthesizer
designed to replace expensive VCXO modules and
oscillators. The on-chip Voltage Controlled Crystal
Oscillator (VCXO) accepts a 0 to 3.3 V input voltage to
cause the output clocks to vary by +100 ppm. Using
ICS’ patented VCXO and analog Phase-Locked Loop
(PLL) techniques, the device uses an inexpensive
13.248 MHz pullable crystal input to produce one or
two output clocks.
The MK3732-07 is a pin-to-pin replacement for the
MK2732-07 when using +3.3V supply voltage.
ICS manufactures the largest variety of xDSL clock
synthesizers for all applications. Consult ICS to
eliminate VCXOs, crystals, and oscillators from your
board.
Features
Packaged in 16 pin (150 mil) SOIC
Replaces a VCXO and oscillator
Ideal for Asymmetrical Digital Subscriber Line
(ADSL) chipsets
Uses an inexpensive pullable crystal
On-chip patented VCXO with pull range of 200 ppm
(+ 100 ppm) minimum
VCXO tuning voltage of 0 to 3.3 V
12 mA output drive capability at TTL levels
Advanced, low power, sub-micron CMOS process
Operating voltage of 3.3V
Industrial temperature range available
Block Diagram
Vo lta g e
Co n tro lle d
Cry s ta l
O scilla tor
X1
X2
VI N
13 . 2 48 M H z
P u ll a b le
Cr y s t a l
P LL/
Clo c k
Sy n th e s is
Circ u itry
CL K1
CL K2
S2 : S 0
VDD
GN D
OE
3
3
3


Similar Part No. - MK3732-07STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08R ICST-MK3732-08R Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RI ICST-MK3732-08RI Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RITR ICST-MK3732-08RITR Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RTR ICST-MK3732-08RTR Datasheet
60Kb / 4P
   ADSL Clock Source
More results

Similar Description - MK3732-07STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-17 ICST-MK3732-17 Datasheet
99Kb / 6P
   ADSL VCXO CLOCK SOURCE
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com