Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV12816L Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part No. IS61LV12816L
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816L Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV12816L Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816L Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IS61LV12816L
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. F
10/27/05
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
FEATURES
• High-speed access time: 8, 10 ns
• Operating Current: 50mA (typ.)
• Stand by Current: 700µA (typ.)
• TTL and CMOS compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Lead-free available
128K x 16 HIGH-SPEED CMOS STATIC RAM
WITH 3.3V SUPPLY
DESCRIPTION
The
ISSI IS61LV12816L is a high-speed, 2,097,152-bit
static RAM organized as 131,072 words by 16 bits. It is
fabricated using
ISSI's high-performance CMOS
technology. This highly reliable process coupled with
innovative circuit design techniques, yields access times
as fast as 8 ns with low power consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61LV12816L is packaged in the JEDEC standard
44-pin TSOP (Type II), 44-pin LQFP, and 48-pin mini BGA
(6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
OCTOBER 2005
A0-A16
CE
OE
WE
128Kx16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn