Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6552 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN6552
Description  Dual Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6552 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN6552 Datasheet HTML 1Page - Panasonic Semiconductor AN6552 Datasheet HTML 2Page - Panasonic Semiconductor AN6552 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Symbol
Condition
min
typ
max
s Electrical Characteristics (VCC=15V, VEE=–15V, Ta=25˚C)
Input offset voltage
VI (offset)
6mV
0.5
RS 10k
Input offset current
IIO
200
nA
5
Input bias current
IBias
500
nA
Voltage gain
86
GV
dB
RL 2k
Ω, V
O=
±10V
Maximum output voltage
±12
VO (max.)
V
±14
±10
V
±13
Common-mode input voltage width
±12
VCM
V
±14
100
Common-mode rejection ratio
70
CMR
dB
90
Supply voltage rejection ratio
SVR
µV/V
30
Power consumption
PC
170
mW
90
RL=
Slew rate
SR
V/
µs
1.0
RL 2k
150
Equivalent input noise voltage
Vni
µVrms
2.5
RS=1k
Ω, B=10Hz to 30kHz
Unit
RL 10
RL 2k
=
>
=
>
=
>
=
>
= >
VCC
VO2
VEE
1
2
3
4
8
7
6
5
Vin1
VO1
+
Vin1
Vin2
+
Vin2
+
+
s Pin Assignments
VCC
VID
VICM
PD
Topr
Tstg
V
V
V
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
±18
±30
±15
500
360
–20 to +75
–55 to +150
–55 to +125
Voltage
Power dissipation
Temperature
Supply voltage
Differential input voltage
Common-mode input voltage
Operating ambient temperature
Storage
temperature
AN4558 (AN6552 )
AN4558S (AN6552S)
AN4558 (AN6552)
AN4558S (AN6552S)
s Pin Descriptions
Pin No.
Pin name
1
2
3
4
5
6
7
8
Ch.1 output
Ch.1 inverting input
Ch.1 non inverting input
VEE (GND)
Ch.2 non inverting input
Ch.2 inverting input
Ch.2 output
VCC


Similar Part No. - AN6552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN6552 ETC2-AN6552 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6552F PANASONIC-AN6552F Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
More results

Similar Description - AN6552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com