Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS6624 Datasheet(PDF) 60 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 56Page - STMicroelectronics VS6624 Datasheet HTML 57Page - STMicroelectronics VS6624 Datasheet HTML 58Page - STMicroelectronics VS6624 Datasheet HTML 59Page - STMicroelectronics VS6624 Datasheet HTML 60Page - STMicroelectronics VS6624 Datasheet HTML 61Page - STMicroelectronics VS6624 Datasheet HTML 62Page - STMicroelectronics VS6624 Datasheet HTML 63Page - STMicroelectronics VS6624 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
Register map
VS6624
60/100
Rev 1
Power management
Video timing parameter host inputs
Video timing control
Table 17.
Power management
Index
PowerManagement(1)
0x0580
bTimeToPowerdown
Default value
0x0f
Purpose
Time (mSecs) from entering Pause mode until the system automatically
transitions stop mode. 0xff disables the automatic transition.
Type
BYTE
1.
Must be configured in STOP mode
Table 18.
Video timing parameter host inputs
Index
VideoTimingParameterHostInputs(1)
0x0605 (MSByte)
0x0606 (LSByte)
uwExternalClockFrequencyMhzNumerator
Default value
0x0c
Purpose
specifies the External Clock Frequency... external clock frequency =
uwExternalClockFrequencyMhzNumerator/bExternalClockFrequencyMh
zDenominator
Type
UINT16
0x0608
bExternalClockFrequencyMhzDenominator
Default value
0x01
Type
BYTE
1.
Should be configured in the RAW state
Table 19.
Video timing control
Index
VideoTimingControl(1)
0x0880
bSysClkMode
Default value
0x00
Purpose
Decides system centre clock frequency
Type
CODED
Possible values
<0>12MHz Mode
<1>13MHz Mode
<2>13.5MHz Mode
<3>Slave Mode
1.
Should be configured in the RAW state


Similar Part No. - VS6624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6624 STMICROELECTRONICS-VS6624 Datasheet
2Mb / 106P
   1.3 Megapixel single-chip camera module
VS6624P0LP STMICROELECTRONICS-VS6624P0LP Datasheet
2Mb / 106P
   1.3 Megapixel single-chip camera module
VS6624Q0KP STMICROELECTRONICS-VS6624Q0KP Datasheet
2Mb / 106P
   1.3 Megapixel single-chip camera module
More results

Similar Description - VS6624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
   1.3 megapixel camera module
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
   1.3 megapixel camera module
VL6624 STMICROELECTRONICS-VL6624 Datasheet
2Mb / 106P
   1.3 Megapixel single-chip camera module
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
   0.5 Megapixel Camera Module
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
VX6953CB STMICROELECTRONICS-VX6953CB Datasheet
3Mb / 107P
   5.1 megapixel EDOF camera module
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
   2 Megapixel SMIA Camera Module
VS6724 STMICROELECTRONICS-VS6724 Datasheet
1Mb / 118P
   2 Megapixel single-chip camera module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com