Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1222IRTMRG3 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1222IRTMRG3
Description  3.5-GHz Integrated Up-Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1222IRTMRG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1222IRTMRG3 Datasheet HTML 3Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 4Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 5Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 6Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 7Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 8Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 9Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 10Page - Texas Instruments TRF1222IRTMRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
1
2
5
4
3
6
7
8
9
10
13
12
11
14
15
16
17
18
19
20
IADJ
VDD2
GND
UCATTN
GND
BASE
21
22
24
25
26
27
28
29
30
31
32
RFO
LOADJ1
VNEG
VDDIFN
VDDIFP
IFIP
IFIN
GND
MXRO
UCEN
MXRADJ
100pF
LO IN P
100pF
LO IN N
100pF
23
BPF
VDD
IF IN N
IF IN P
100pF
100pF
UCEN
VDD
RF OUT
UCATTN
−VNEG
Place 100pF capacitors as close as possible to package pins.
100pF
1000pF
1000pF
0(A)
33 nH(B)
33 nH(B)
0.01 mF
1 mF
0.01 mF
0.01 mF
Z = 50 W
0.01 mF
0.01 mF
TRF1222
SLWS171A – APRIL 2005 – REVISED DECEMBER 2005
A.
Connect pin 24 to ground through a 0-
Ω resistor.
B.
Place 33-nH inductors close to package pins.
C.
Place 100-pF capacitors close as possible to package pins.
Figure 3. Recommended Application Schematic
7


Similar Part No. - TRF1222IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1221 TI-TRF1221 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1221 TI-TRF1221 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
TRF1223IRTMR TI-TRF1223IRTMR Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
More results

Similar Description - TRF1222IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1212 TI-TRF1212 Datasheet
198Kb / 3P
[Old version datasheet]   3.5-GHz Intergrated IF Up-Converter
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1122 TI-TRF1122_07 Datasheet
343Kb / 10P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
logo
M/A-COM Technology Solu...
MAUC-010506 MA-COM-MAUC-010506 Datasheet
866Kb / 7P
   Up Converter 17.68 - 23.62 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com