Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM31584SA12TTY Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PDM31584SA12TTY
Description  256 X 16 CMOS 3.3V STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31584SA12TTY Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PDM31584SA12TTY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 8Page - List of Unclassifed Manufacturers PDM31584SA12TTY Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PDM31564
8
Rev. 1.2 - 3/31/98
PRELIMINARY
AC Electrical Characteristics
* VCC = 3.3v +5%
Description
-8*
-10*
-12
-15
-20
WRITE Cycle
Sym
Min. Max Min. Max Min. Max. Min. Max. Min. Max. Unit
WRITE cycle time
tWC
8
10—12—15—20—
ns
Chip enable to end of write
tCW
7—8—
10
11
13
ns
Address valid to end of write
tAW
7—8—
10
11
13
ns
Byte pulse width
tBW
7—8—
10
12
13
ns
Address setup time
tAS
0—0—0—0—0—
ns
Address hold from end of write
tAH
0—0—0—0—0—
ns
Write pulse width
tWP
7—8—8—9—
10
ns
Data setup time
tDS
5—6—7—8—9—
ns
Data hold time
tDH
0—0—0—0—0—
ns
Byte disable to output in low Z(1, 3, 4)
tLZBE
0—0—0—0—0—
ns
Byte enable to output in high Z(1, 3, 4)
tHZBE
—6—6—7—8—9
ns
Output disable to output in low Z(1, 3, 4)
tLZOE
0—0—0—0—0—
ns
Output enable to output in high Z(1, 3, 4)
tHZOE
—6—6—7—7—8
ns
Write disable to output in low Z(1,3, 4)
tLZWE
0—0—0—0—0—
ns
Write enable to output in high Z(1, 3, 4)
tHZWE
—6
6—
—7—7—9
ns
Write Cycle 3 Timing Diagram (UB, LB Controlled)
tAW
tAS
tWC
UB, LB
CE
WE
ADDRESSES
tWP
tCW
High Impedance
tDH
tDS
Data Stable
DOUT
DIN
tAH
tBW
tLZBE(1)
tLZCE(1)
tHZWE(1)


Similar Part No. - PDM31584SA12TTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31096 ETC1-PDM31096 Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SO ETC1-PDM31096SA10SO Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOA ETC1-PDM31096SA10SOA Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATR ETC1-PDM31096SA10SOATR Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATY ETC1-PDM31096SA10SOATY Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
More results

Similar Description - PDM31584SA12TTY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com