Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-OE-OE-94C-100,0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/1416318
08/30/2021   Page 3 / 6
Network cable - VS-OE-OE-94C-100,0 - 1416318
Technical data
Cable
35.3 dB (at 100 MHz)
Power-summated near end crosstalk attenuation (PSNEXT)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
32.3 dB (at 100 MHz)
Attenuation
3.2 dB (with 1 MHz)
6 dB (at 4 МHz)
9.5 dB (at 10 MHz)
12.1 dB (at 16 MHz)
13.6 dB (at 20 МHz)
17.1 dB (at 31.25 МHz)
24.8 dB (at 62.5 МHz)
32 dB (at 100 MHz)
Return loss (RL)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
25 dB (at 20 МHz)
23.6 dB (at 31.25 МHz)
21.5 dB (at 62.5 МHz)
20.1 dB (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Nominal voltage, cable
≤ 100 V
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Flame resistance
according to IEC 60332-1-2
Halogen-free
according to IEC 60754-1
Resistance to oil
according to EN 60811-2-1
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 80 °C
Ambient temperature (storage/transport)
-20 °C ... 80 °C


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
   Network cable - VS-OE-OE-936-100,0
1416392 PHOENIX-1416392 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
   Network cable - VS-OE-OE-93C-100,0
09/11/2020
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
   Network cable - VS-OE-OE-94D-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
   Network cable - VS-OE-OE-93E-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
   Network cable - VS-OE-OE-93G-100,0
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
   Network cable - VS-OE-OE-93B-100,0
1412794 PHOENIX-1412794 Datasheet
288Kb / 8P
   VS-M12MS-OE-94C-LI/2,0 - Network cable
1412655 PHOENIX-1412655 Datasheet
284Kb / 9P
   VS-IP20-OE-94C-LI/5,0 - Network cable
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
   Network cable - VS-OE-OE-94B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com