Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1WV3216RSD-7SR Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1WV3216RSD-7SR
Description  32Mb superSRAM (2M wordx16bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1WV3216RSD-7SR Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1WV3216RSD-7SR Datasheet HTML 2Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 3Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 4Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 5Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 6Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 7Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 8Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 9Page - Renesas Technology Corp R1WV3216RSD-7SR Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
R1W V3216R Series
Rev.1.00
2004.4.13
page 6 of 16
Recommended Operating Conditions
Note 1. –2.0V in case of AC (Pulse width
30ns)
2. Ambient
temperature range depends on R/W/I-version. Please see table on page 2.
DC Characteristics
I ver.
W ver.
R ver.
2
ºC
+85
-
-40
2
ºC
+85
-
-20
2
ºC
+70
-
0
Ta
Ambient temperature range
1
V
0.4
-
-0.2
VIL
Input low voltage
V
Vcc+0.2
-
2.4
VIH
Input high voltage
V
0
0
0
Vss
V
3.6
3.0
2.7
Vcc
Supply voltage
Note
Unit
Max.
Typ.
Min.
Symbol
Parameter
Note 1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25
ºC), and not 100% tested.
2. BYTE# pin supported by only TSOP type.
BYTE#
Vcc-0.2V or BYTE# 0.2V
~+85ºC
µA
80
-
-
IOL = 2mA
V
0.4
-
-
VOL
Output Low voltage
IOH = -1mA
V
-
-
2.4
VOH
Output hige voltage
V in
≥ 0V
(1) 0V
≤CS2≤0.2V or
(2) CS2
≥Vcc-0.2V,
CS1#
≥Vcc-0.2V or
(3)LB# =UB#
≥Vcc-0.2V,
CS2
≥Vcc-0.2V,
CS1#
≤0.2V
Average value
~+70ºC
µA
50
-
-
~+40ºC
µA
24
7
-
~+25ºC
µA
12
4
-
ISB1
Standby current
CS2=VIL
mA
0.3
0.1
-
ISB
Standby current
mA
20
15
-
Icc2
Read
Cycle time = 1 µs,
I I/O = 0 mA,
CS1#
≤ 0.2V, CS2 ≥ VCC-0.2V
VIH
≥ VCC-0.2V , VIL ≤ 0.2V,
Write & Read duty=100%
respectively
mA
25
20
-
Icc2
Write
Min. cycle, duty =100%
I I/O = 0 mA, CS1# =VIL,
CS2=VIH Others = VIH / VIL
mA
70
60
-
Icc1
Average operating
current
CS1# =VIH or CS2=VIL or
OE# = VIH or WE# =VIL or
LB# =UB# =VIH,VI/O=Vss to Vcc
µA
1
-
-
|ILo|
Output leakage current
Vin=Vss to Vcc
µA
1
-
-
|ILI|
Input leakage current
Test conditions*2
Unit
Max.
Typ.*1
Min.
Symbol
Parameter


Similar Part No. - R1WV3216RSD-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216RSD-7SR RENESAS-R1WV3216RSD-7SR Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
More results

Similar Description - R1WV3216RSD-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com