Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

24C128 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. 24C128
Description  CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

24C128 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  24C128 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C128 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Turbo IC, Inc.
Device Address
1010A2
A1
A0
R/W
MSB
LSB
* = Don't care bits
! = Don't care bit for 24C128
Page Write
Byte Write
5
24C128/24C256
PRODUCT PRELIMINARY
SDA LINE
DEVICE
ADDRESS
FIRST
WORD ADDRESS
SECOND
WORD ADDRESS
DATA
S
T
O
P
A
C
K
A
C
K
L
S
B
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
S
T
A
R
T
W
R
I
T
E
M
S
B
128K
* !
M
S
B
256K
SDA LINE
DEVICE
ADDRESS
FIRST
WORD ADDRESS (n)
SECOND
WORD ADDRESS (n)
DATA (n)
S
T
O
P
A
C
K
A
C
K
L
S
B
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
S
T
A
R
T
W
R
I
T
E
* !
M
S
B
256K
A
C
K
//
//
DATA (n + x)
M
S
B
128K


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn