Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40Z300AVMH1F Datasheet(PDF) 5 Page - STMicroelectronics

Part # M40Z300AVMH1F
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AVMH1F Datasheet(HTML) 5 Page - STMicroelectronics

  M40Z300AVMH1F Datasheet HTML 1Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 2Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 3Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 4Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 5Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 6Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 7Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 8Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/20
M40Z300AV
Figure 4. 28-pin SOIC Connections
Figure 5. M40Z300AV 16-pin SOIC
Connections
Note: 1. For M40Z300AV, B– must be connected to the negative
battery terminal only (not to Pin 8, VSS).
Figure 6. Hardware Hookup
Note: 1. If the second chip enable pin (E2) is unused, it should be tied to VOUT.
2. THS pin must be connected to VSS.
AI08894
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
NC
NC
BL
NC
A
NC
B
RST
NC
NC
NC
E1CON
NC
E3CON
E
E2CON
NC
NC
NC
NC
THS
NC
VSS
E4CON
NC
NC
VOUT
VCC
AI08895
8
2
3
4
5
6
710
16
15
14
13
12
11
1
A
RST
B
E1CON
E
E2CON
B+
VSS
NC
VOUT
VCC
BL
THS
E3CON
E4CON
9
B–(1)
AI08896
VCC
E
E2
(1)
E1
CON
VSS
VOUT
VCC
CMOS
SRAM
3.3V
THS
(2)
A
0.1
µF
0.1
µF
M40Z300AV
Threshold
E
B
E2
CON
E3
CON
E4
CON
RST
BL
E2
(1)
E2
(1)
E2
(1)
E
VCC
CMOS
SRAM
0.1
µF
E
VCC
CMOS
SRAM
0.1
µF
E
VCC
CMOS
SRAM
0.1
µF
To Microprocessor
To Battery Monitor Circuit


Similar Part No. - M40Z300AVMH1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MH STMICROELECTRONICS-M40Z300MH Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results

Similar Description - M40Z300AVMH1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
   3V Supervisor
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com