Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12MSX/1,0-94F/M12FSX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080742
08/30/2021   Page 2 / 14
Network cable - NBC-M12MSX/1,0-94F/M12FSX - 1080742
Technical data
General data
Transmission characteristics (category)
CAT6A
Transmission speed
10 Gbps
Characteristics head 1
Head type
Plug straight M12 / IP67
No. of positions (pin connector pattern)
8
Coding
X (Data)
Color
black
Material (component)
CuZn (Contact)
Ni/Au (Contact surface)
PA 6.6 (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Ambient temperature (operation)
-25 °C ... 90 °C
Characteristics head 2
Head type
Socket straight M12 / IP67
No. of positions (pin connector pattern)
8
Coding
X (Data)
Color
black
Material (component)
CuZn (Contact)
Ni/Au (Contact surface)
PA 6.6 (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Ambient temperature (operation)
-25 °C ... 90 °C
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-109
Cable
Cable type
Ethernet 10 Gbit
Cable type (abbreviation)
94F


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/10,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
   Network cable - NBC-1,0-94F/M12FSX
1407467 PHOENIX-1407467 Datasheet
911Kb / 27P
   Network cable - NBC-M12MSX/ 1,0-94F
1080743 PHOENIX-1080743 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/2,0-94F/M12FSX
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080745 PHOENIX-1080745 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/10,0-94F/M12FSX
1407471 PHOENIX-1407471 Datasheet
1Mb / 28P
   Network cable - NBC-M12MSX/ 1,0-94F/R4AC
Jan 11, 2023
1080733 PHOENIX-1080733 Datasheet
374Kb / 14P
   Network cable - NBC-M12FSX/1,0-94F/R4AC
1080724 PHOENIX-1080724 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/1,0-94F/R4RC
1080751 PHOENIX-1080751 Datasheet
373Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12FRX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com