Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25007 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25007
Description  42V, 0.5A Step-Down Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25007 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM25007 Datasheet HTML 1Page - National Semiconductor (TI) LM25007 Datasheet HTML 2Page - National Semiconductor (TI) LM25007 Datasheet HTML 3Page - National Semiconductor (TI) LM25007 Datasheet HTML 4Page - National Semiconductor (TI) LM25007 Datasheet HTML 5Page - National Semiconductor (TI) LM25007 Datasheet HTML 6Page - National Semiconductor (TI) LM25007 Datasheet HTML 7Page - National Semiconductor (TI) LM25007 Datasheet HTML 8Page - National Semiconductor (TI) LM25007 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the inductor,
bootstrap capacitor, and free-wheeling diode.
2
BST
Boost Boot–strap capacitor input
An external capacitor is required between the BST
and the SW pins. A 0.01µF ceramic capacitor is
recommended.
3
RCL
Current Limit OFF time programming pin
A resistor between this pin and RTN sets the
off-time when current limit is detected. The off-time
is preset to 17 µs if FB = 0V .
4
RTN
Circuit Ground
5
FB
Feedback Signal from Regulated Output
This pin is connected to the inverting input of the
internal regulation comparator. The regulation
threshold is 2.5V.
6
RON/SD
On-time set pin
A resistor between this pin and VIN sets the switch
on-time as a function of Vin. The minimum
recommended on-time is 300ns at the maximum
input voltage.
7
VCC
Output from the internal high voltage bias
regulator.
If an auxiliary voltage is available to raise the
voltage on this pin above the regulation setpoint
(7V), the internal series pass regulator will
shutdown, reducing the IC power dissipation. Do not
exceed 14V. This output provides gate drive power
for the internal Buck switch. An internal diode is
provided between this pin and the BST pin. A local
0.1uF decoupling capacitor is recommended.
8
VIN
Input supply voltage
Recommended operating range: 9V to 42V.
-
EP
Exposed pad, underside of the LLP package
option
Exposed metal pad on the LLP package underside.
It is recommended to connect this pad to the PC
board ground plane to aid in heat dissipation.
www.national.com
3


Similar Part No. - LM25007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
181Kb / 4P
   Boot Capacitor Regulation in LM25007 Constant-On-Time (COT) Converter
logo
Texas Instruments
LM25007 TI-LM25007 Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI1-LM25007 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM25007

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
   0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com