Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3672NFBP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN3672NFBP
Description  Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3672NFBP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN3672NFBP Datasheet HTML 1Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 2Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 3Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 4Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 5Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 6Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 7Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 8Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ICs for VCR
1
AN3672NFBP
Audio signal processor IC for HiFi VCR
incorporating EIAJ sound multiplex system
s Overview
The AN3672NFBP is a HiFi audio signal processor IC
(NTSC) incorporating EIAJ sound multiplex decoder and
pre/recording amplifier. An adjustment-free sound multi-
plex decoder is realized through both of fO automatic
adjustment of high precision VCO by a reference signal
(fSC) and an SIF (4.5 MHz inter-carrier sound intermediate
frequency) signal input.
s Features
• Built-in EIAJ sound multiplex decoder
• Full adjustment-free by SIF signal input
• f
O automatic adjustment of high precision VCO
• Built-in pre/recording amplifier
s Applications
• HiFi VCR
QFH064-P-1414A
Unit: mm
(1.00)
+0.10
– 0.05
0.35
0.80
116
48
33
32
17
49
64
14.0±0.3
17.2±0.4
Seating plane
0.10
(1.60)
0
° to 10°
(0.80)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn