Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3672NFBP Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN3672NFBP
Description  Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3672NFBP Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN3672NFBP Datasheet HTML 2Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 3Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 4Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 5Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 6Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 7Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 8Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 9Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AN3672NFBP
ICs for VCR
6
s Electrical Characteristics at VCC1 = 5 V, VCC2 = 12 V, Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
FM deviation L
DEVL
VIN = −26.8 dBS, 1 kHz
44
50
56
kHz
FM deviation R
DEVR
VIN = −26.8 dBS, 1 kHz
44
50
56
kHz
FM deviation L/R ratio
DEVLR
DEVR − DEVL
−6
0
6
kHz
FM modulation distortion L
THFEL
VIN = −26.8 dBS, 1 kHz, FM RF out
0.5
1.0
%
FM modulation distortion R
THFER
VIN = −26.8 dBS, 1 kHz, FM RF out
0.5
1.0
%
FM modulation S/N L
NHFEL
RG = 6.8 kΩ, DIN audio, FM RF out
33
40
dB
FM modulation S/N R
NHFER
RG = 6.8 kΩ, DIN audio, FM RF out
33
40
dB
1.3 MHz BPF frequency
BPF11
BPF monitor (L-ch.), fC = 1.3 MHz
70
140
210 mV[p-p]
characteristics 1 *
2
1.3 MHz BPF frequency
BPF12
fC = 1.45 MHz
−10.0 −5.0
2.0
dB
characteristics 2 *
2
1.3 MHz BPF frequency
BPF13
fC = 1.15 MHz
−4.0 − 0.5
3.0
dB
characteristics 3 *
2
1.3 MHz BPF frequency
BPF15
V(1.05M) / V(1.45M)
−13
−1.5
7.0
dB
characteristics 5 *
2
1.7 MHz BPF frequency
BPF21
BPF monitor (R-ch.), NTSC mode
70
140
210 mV[p-p]
characteristics 1 *
2
fC = 1.7 MHz
1.7 MHz BPF frequency
BPF22
fC = 1.85 MHz
−6.0
0
3.5
dB
characteristics 2 *
2
1.7 MHz BPF frequency
BPF23
fC = 1.55 MHz
−7.0
−1.6
3.0
dB
characteristics 3 *
2
PB out level 1-L *
2
VHPO1L
VIN = 50 kHz Dev., 1 kHz, Line out −7.5
−6.0
−4.5
dBS
PB out level 1-R *
2
VHPO1R
VIN = 50 kHz Dev., 1 kHz, Line out −7.5
−6.0
−4.5
dBS
PB out level L/R ratio
BHP
−1.5
0
1.5
dB
PB out level 3-L *
2
VHPO3L
FMIN = 50 kHz −30 dB, DIN audio
−66
−60
−54
dB
PB out level 3-R *
2
VHPO3R
FMIN = 50 kHz −30 dB, DIN audio
−66
−60
−54
dB
PB out S/N L *
2
NHPOL
Non-modulation, Line out, DIN audio
75
80
dB
PB out S/N R *
2
NHPOR
Non-modulation, Line out, DIN audio
75
80
dB
PB out distortion L *
2
THPOL
In: Dev
= 100 kHz, f = 1 kHz
0.2
0.8
%
Line out
PB out distortion R *
2
THPOR
In: Dev
= 100 kHz, f = 1 kHz
0.2
0.8
%
Line out
Crosstalk between PB out channels
CTPRL
VIN = 50 kHz Dev, 1 kHz
−80
−65
dB
(R
→L) *2
DIN audio
Crosstalk between PB out channels
CTPLR
VIN = 50 kHz Dev, 1 kHz
−80
−65
dB
(L
→R) *2
DIN audio
DOC on level
DOC1
fCL = 1.3 MHz
7
15
30
mV[p-p]
fCR = 1.7 MHz ±50 kHz Dev.
DOC hysteresis
DOC2
fCL = 1.3 MHz
0.1
1.5
6.0
dB
fCR = 1.7 MHz ±50 kHz Dev.
Note) *2: PB-FM input level: Single 140 mV[p-p], Mix. 280 mV[p-p]


Similar Part No. - AN3672NFBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN360 PANASONIC-AN360 Datasheet
15Kb / 1P
   Low Noise Pre-Amplifier Circuit
logo
List of Unclassifed Man...
AN360 ETC2-AN360 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN362 ETC2-AN362 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN363 ETC2-AN363 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN366 ETC2-AN366 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN3672NFBP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72670BM SANYO-LA72670BM Datasheet
338Kb / 20P
   US multiplex modulation for VCR HiFi Sound Signal Processor
LA72680M SANYO-LA72680M Datasheet
329Kb / 21P
   JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Panasonic Semiconductor
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Rohm
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
   VCR standard audio signal processor
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
logo
Rohm
BA7795LS ROHM-BA7795LS Datasheet
163Kb / 12P
   VCR standard audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com