Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3672NFBP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN3672NFBP
Description  Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3672NFBP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN3672NFBP Datasheet HTML 1Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 2Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 3Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 4Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 5Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 6Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 7Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 8Page - Panasonic Semiconductor AN3672NFBP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AN3672NFBP
ICs for VCR
4
s Electrical Characteristics at V
CC1 = 5 V, VCC2 = 12 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit current (5 V) at recording
ICCR1
Recording mode
104
130
156
mA
Measurement after adjusting fO
Circuit current (12 V) at recording
ICCR2
Recording mode
5
9
13
mA
Measurement after adjusting fO
Circuit current (5 V) at playback
ICCP1
Playback mode
70
95
120
mA
Measurement after adjusting fO
Circuit current (12 V) at playback
ICCP2
Playback mode
5
9
13
mA
Measurement after adjusting fO
ENC out level 1-L
VHRO1L
VIN = −26.8 dBS, 1 kHz, DIN audio −11.5
−9.5
−7.5
dBS
ENC out level 1-R
VHRO1R
VIN = −26.8 dBS, 1 kHz, DIN audio −11.5
−9.5
−7.5
dBS
ENC out level 3-L
VHRO3L
VIN = −86.8 dBS, 1 kHz
−33
−30
−27
dB
DIN audio, VHRO3L /VHRO1L
ENC out level 3-R
VHRO3R
VIN = −86.8 dBS, 1 kHz
−33
−30
−27
dB
DIN audio, VHRO3R /VHRO1R
Normal recording out level
VNRO
VIN = −26.8 dBS, 1 kHz, Normal out −21.5 −20.0 −18.5
dBS
Line out level L
VG2L
VIN = −26.8 dBS, 1 kHz
−7.5
−6.0
−4.5
dBS
Gain
= mode (0)
Gain
= High
Line out level R
VG2R
VIN = −26.8 dBS, 1 kHz
−7.5
−6.0
−4.5
dBS
Gain
= mode (0)
Gain
= High
Line out THD L
THRML
VIN = −26.8 dBS, 1 kHz
0.05
0.1
%
Line out THD R
THRMR
VIN = −26.8 dBS, 1 kHz
0.05
0.1
%
Line out VO-max L
VMLOL
fIN = 1 kHz, at output THD 3%
8.2
10.5
dBS
Line out VO-max R
VMLOR
fIN = 1 kHz, at output THD 3%
8.2
10.5
dBS
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC1
4.5 to 5.3
V
VCC2
8.0 to 12.5
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC1
5.5
V
VCC2
13.0
Power dissipation *
1, 2
PD
798
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Note) 1. The reverse insertion of this IC will cause its breakdown.
2. Use this IC paying attention to its surge breakdown. (Refer to "s Usage Note" in detail.)
3. *1: Except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is the value for Ta = 75°C. (Refer to "s Application Notes" in detail.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn