Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM139JAN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM139JAN
Description  Low Power Low Offset Voltage Quad Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM139JAN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM139
JAN Electrical Characteristics (Continued)
DC Parameters (Continued)
The following conditions apply, unless otherwise specified.
−V
CC =0V
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
Sub-
groups
CMRR
Tempco Screen
70
dB
I
IO
Tempco Screen
13
nA
I
IB
Tempco Screen
12
nA
AC Parameters
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
Sub-
groups
t
RLH
Response Time: Low-to-High
+V
CC = 5V, VI = 100mV,
R
L = 5.1K
Ω,V
OD = 5mV
5.0
µS
7, 8B
7.0
µS
8A
+V
CC = 5V, VI = 100mV,
R
L = 5.1K
Ω,V
OD = 50mV
0.8
µS
7, 8B
1.2
µS
8A
t
RHL
Response Time: High-to-Low
+V
CC = 5V, VI = 100mV,
R
L = 5.1K
Ω,V
OD = 5mV
2.5
µS
7, 8B
3.0
µS
8A
+V
CC = 5V, VI = 100mV,
R
L = 5.1K
Ω,V
OD = 50mV
0.8
µS
7, 8B
1.0
µS
8A
C
S
Channel Separation
+V
CC = 20V, -VCC = -10V,
AtoB
80
dB
7
+V
CC = 20V, -VCC = -10V,
AtoC
80
dB
7
+V
CC = 20V, -VCC = -10V,
AtoD
80
dB
7
+V
CC = 20V, -VCC = -10V,
BtoA
80
dB
7
+V
CC = 20V, -VCC = -10V,
BtoC
80
dB
7
+V
CC = 20V, -VCC = -10V,
BtoD
80
dB
7
+V
CC = 20V, -VCC = -10V,
CtoA
80
dB
7
+V
CC = 20V, -VCC = -10V,
CtoB
80
dB
7
+V
CC = 20V, -VCC = -10V,
CtoD
80
dB
7
+V
CC = 20V, -VCC = -10V,
DtoA
80
dB
7
+V
CC = 20V, -VCC = -10V,
DtoB
80
dB
7
+V
CC = 20V, -VCC = -10V,
DtoC
80
dB
7
V
LAT
Voltage Latch (Logical "1"
Input)
+V
CC = 5V, VI = 10V,
I
O = 4mA
0.4
V
9
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM139Low Power Low Offset Voltage Quad Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
139RPFXQuad Comparators Low Offset Voltage 1 2 3 4 5 MoreMaxwell Technologies
LM193Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2901LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
MNLM193A-XLOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1 2 3 4 5 MoreNational Semiconductor (TI)
LM193JANLow Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
AP393Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreAnachip Corp
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn