Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM139JAN Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM139JAN
Description  Low Power Low Offset Voltage Quad Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM139JAN Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM139
JAN Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
−V
CC =0V
Symbol
Parameters
Conditions
Notes
Min
Max
Unit
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 30V, VO = 15V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 2V, -VCC = -28V,
V
O = -13V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 5V, VO = 1.4V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 2V, -VCC = -3V,
V
O = -1.6V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
I
IO
Input Offset Current
+V
CC = 30V, RS = 20K
Ω,
V
O = 15V
(Note 8)
-25
25
nA
1, 2
(Note 8)
-75
75
nA
3
+V
CC = 2V, -VCC = -28V,
R
S = 20K
Ω,V
O = -13V
(Note 8)
-25
25
nA
1, 2
(Note 8)
-75
75
nA
3
+V
CC = 5V, RS = 20K
Ω,
V
O = 1.4V
(Note 8)
-25
25
nA
1, 2
(Note 8)
-75
75
nA
3
+V
CC = 2V, -VCC = -3V,
R
S = 20K
Ω,V
O = -1.6V
(Note 8)
-25
25
nA
1, 2
(Note 8)
-75
75
nA
3
+/-I
IB
Input Bias Current
+V
CC = 30V, RS = 20K
Ω,
V
O = 15V
(Note 8)
-100
+0.1
nA
1, 2
(Note 8)
-200
+0.1
nA
3
+V
CC = 2V, -VCC = -28V,
R
S = 20K
Ω,V
O = -13V
(Note 8)
-100
+0.1
nA
1, 2
(Note 8)
-200
+0.1
nA
3
+V
CC = 5V, RS = 20K
Ω,
V
O = 1.4V
(Note 8)
-100
+0.1
nA
1, 2
(Note 8)
-200
+0.1
nA
3
+V
CC = 2V, -VCC = -3V,
R
S = 20K
Ω,V
O = -1.6V
(Note 8)
-100
+0.1
nA
1, 2
(Note 8)
-200
+0.1
nA
3
CMRR
Input Voltage Common Mode
Rejection
+V
CC = 30V
76
dB
1, 2, 3
+V
CC =5V
70
dB
1,2,3
I
CEX
Output Leakage
+V
CC = 30V, VO = +30V
1.0
µA
1, 2, 3
+I
IL
Input Leakage Current
+V
CC =36V,V+i= 34V,
V−i=0V
-500
500
nA
1, 2, 3
-I
IL
Input Leakage Current
+V
CC =36V,V+i=0V,
V−i=34V
-500
500
nA
1, 2, 3
V
OL
Logical "0" Output Voltage
+V
CC = 4.5V, IO = 4mA
0.4
V
1
0.7
V
2, 3
+V
CC = 4.5V, IO = 8mA
1.5
V
1
2.0
V
2, 3
I
CC
Power Supply Current
+V
CC = 5V, VID = 15mV
2.0
mA
1, 2
3.0
mA
3
+V
CC = 30V, VID = 15mV
3.0
mA
1, 2
4.0
mA
3
Delta V
IO /
Delta T
Temperature Coefficient of
Input Offset Voltage
25˚C
≤ T
A
≤ 125˚C
(Note 9)
-25
25
µV/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 9)
-25
25
µV/˚C
3
Delta I
IO /
Delta T
Temperature Coefficient of
Input Offset Current
25˚C
≤ T
A
≤ 125˚C
(Note 9)
-300
300
pA/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 9)
-400
400
pA/˚C
3
A
VS
Open Loop Voltage Gain
+V
CC=15V, RL=15K
Ω,
1V
≤ V
O
≤ 11V
(Note 10)
50
V/mV
4
(Note 10)
25
V/mV
5, 6
V
IO
Tempco Screen
4.0
mV
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM139Low Power Low Offset Voltage Quad Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
139RPFXQuad Comparators Low Offset Voltage 1 2 3 4 5 MoreMaxwell Technologies
LM193Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2901LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
MNLM193A-XLOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1 2 3 4 5 MoreNational Semiconductor (TI)
LM193JANLow Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreNational Semiconductor (TI)
AP393Low Power Low Offset Voltage Dual Comparators 1 2 3 4 5 MoreAnachip Corp
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM339LOW POWER QUAD VOLTAGE COMPARATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn