Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139JAN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM139JAN
Description  Low Power Low Offset Voltage Quad Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM139JAN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM139JAN Datasheet HTML 1Page - National Semiconductor (TI) LM139JAN Datasheet HTML 2Page - National Semiconductor (TI) LM139JAN Datasheet HTML 3Page - National Semiconductor (TI) LM139JAN Datasheet HTML 4Page - National Semiconductor (TI) LM139JAN Datasheet HTML 5Page - National Semiconductor (TI) LM139JAN Datasheet HTML 6Page - National Semiconductor (TI) LM139JAN Datasheet HTML 7Page - National Semiconductor (TI) LM139JAN Datasheet HTML 8Page - National Semiconductor (TI) LM139JAN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage, V
+
36 V
DC or ±18 VDC
Differential Input Voltage (Note 7)
36 V
DC
Output Voltage
36 V
DC
Input Voltage
−0.3 V
DC to +36 VDC
Input Current (V
IN < −0.3 VDC) (Note 3)
50 mA
Power Dissipation
(Notes 4, 12)
CERDIP
400 mW @ T
A = 125˚C
CERPACK
350 mW @ T
A = 125˚C
SOIC
350 mW @ T
A = 125˚C
Output Short-Circuit to GND,
(Note 2)
Continuous
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Maximum Junction Temperature (T
J)
+175˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Thermal Resistance
θ
JA
CERDIP
(Still Air)
103˚C/W
CERDIP
(500LF / Min Air flow)
65˚C/W
CERPACK
(Still Air)
183˚C/W
CERPACK
(500LF / Min Air flow)
120˚C/W
SOIC
(Still Air)
183˚C/W
SOIC
(500LF / Min Air flow)
120˚C/W
θ
JC
CERDIP
23˚C/W
CERPACK
23˚C/W
SOIC
23˚C/W
Package Weight (typical)
CERDIP
2,190mg
CERPACK
460mg
SOIC
410mg
ESD rating
(Note 11)
600V
Quality Conformance Inspection
Mil-Std-883, Method 5005 — Group A
Subgroup
Description
Temp (˚C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
www.national.com
4


Similar Part No. - LM139JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139JAN TI1-LM139JAN Datasheet
779Kb / 23P
[Old version datasheet]   LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN-SP TI1-LM139JAN-SP Datasheet
779Kb / 23P
[Old version datasheet]   LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN TI1-LM139JAN_14 Datasheet
779Kb / 23P
[Old version datasheet]   LM139JAN Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - LM139JAN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com