Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN3664NFB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN3664NFB
Description  Single chip audio signal processing IC for HiFi VCR
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3664NFB Datasheet(HTML) 6 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AN3664NFB
ICs for VCR
6
s Electrical Characteristics at VCC1 = 5 V, VCC2 = 12 V, Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Crosstalk between channels
CTTRR
TV in L-channel
= −10 dBS, 1 kHz

−65.0
dB
L
→ R *1
DIN audio, Vol.
= 3 V
CTTLR
− VVOLR − 10 dB
Output mode crosstalk 1 *
1
CTHN
TV, BS1 and BS2 in
= −10 dBS

−65.0
dB
(Normal select)
1 kHz, DIN audio, Vol.
= 3 V
CTHN
− VRFC − 10 dB
Output mode crosstalk 2 *
1
CTNH
Pin 37, BS1 and BS2 in
= −10 dBS

−65.0
dB
(HiFi select)
1 kHz, DIN audio, Vol.
= 3 V
CTNH
− VRFC − 10 dB
Output mode crosstalk 3 *
1
CTB1
Pin 37, TV and BS2 in
= −10 dBS

−65.0
dB
(BS1 monitor mode)
1 kHz, DIN audio, Vol.
= 3 V
CTB1
− VRFC − 10 dB
Output mode crosstalk 4 *
1
CTB2
Pin 37, TV and BS1 in
= −10 dBS

−65.0
dB
(BS2 monitor mode)
1 kHz, DIN audio, Vol.
= 3 V
CTB2
− VRFC − 10 dB
Crosstalk between ENC out
CTENRL
TV in R-channel
= −10 dBS, 1 kHz

−37.0
dB
channels
DIN audio, Vol.
= 3 V
(R
→ L)
CTENRL
− VHRO1L − 5 dB
Crosstalk between ENC out
CTENLR
TV in R-channel
= −10 dBS, 1 kHz

−37.0
dB
channels
DIN audio, Vol.
= 3 V
(L
→ R)
CTENLR
− VHRO1R − 5 dB
Output muting ratio L *
1
MUTEL
TV in
= −10 dBS, 1 kHz

−65.0
dB
Gain
= 1, DIN audio, Vol. = 3 V
MUTEL
− VVOLL − 10 dB
Output muting ratio R *
1
MUTER
TV in
= −10 dBS, 1 kHz

−65.0
dB
Gain
= 1, DIN audio, Vol. = 3 V
MUTER
− VVOLR − 10 dB
VCO output frequency L
FNL
NTSC mode, V19 = 5 V
1.295 1.300 1.305
MHz
(NTSC)
Non-modulation
After PROM adjustment
VCO output frequency R
FNR
NTSC mode, V19 = 0 V
1.695 1.700 1.705
MHz
(NTSC)
Non-modulation
After PROM adjustment
VCO output frequency L
FPL
PAL mode, V19 = 5 V
1.395 1.400 1.405
MHz
(PAL)
Non-modulation
After PROM adjustment
VCO output frequency R
FPR
PAL mode, V19 = 0 V
1.795 1.800 1.805
MHz
(PAL)
Non-modulation
After PROM adjustment
VCO output amplitude L
VOVCOL
NTSC mode, 1.3 MHz
30
53
70
mV[p-p]
Non-modulation
Note) *1: 10 dB should be reduced from the calculation result because of +10 dB increased input.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn