Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN3664NFB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN3664NFB
Description  Single chip audio signal processing IC for HiFi VCR
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3664NFB Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AN3664NFB
ICs for VCR
4
s Electrical Characteristics at V
CC1 = 5 V, VCC2 = 12 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Circuit current (5 V) at recording
ICCR1
Recording mode
80
95
110
mA
Measurement after adjusting fO
Circuit current (12 V) at recording
ICCR2
Recording mode
7
9
11
mA
Measurement after adjusting fO
Circuit current (5 V) at playback
ICCP1
Playback mode
80
100
120
mA
Measurement after adjusting fO
Circuit current (12 V) at playback
ICCP2
Playback mode
7
9
11
mA
Measurement after adjusting fO
ENC out level 1-L
VHRO1L
VIN = −30 dBS, 1 kHz
−12.5 −11.0 −9.5
dBS
DIN audio, Vol.
= 5 V
ENC out level 1-R
VHRO1R
VIN = −30 dBS, 1 kHz
−12.5 −11.0 −9.5
dBS
DIN audio, Vol.
= 5 V
ENC out level 3-L
VHRO3L
VIN = −90 dBS, 1 kHz, DIN audio
−33.0 −30.0 −27.0
dB
Vol.
= 5 V, VHRO3L/VHRO1L
ENC out level 3-R
VHRO3R
VIN = −90 dBS, 1 kHz, DIN audio
−33.0 −30.0 −27.0
dB
Vol.
= 5 V, VHRO3R/VHRO1R
Normal recording out level
VNRO
VIN = −20 dBS, 1 kHz
−21.5 −20.0 −18.5 dBS
Normal out
Volume level L
VVOLL
VIN = −20 dBS, 1 kHz
−8.0
−6.0
−4.0
dBS
(Gain
= mode 1)
L-out, Gain
= 1, Vol. = 3 V
Volume level R
VVOLR
VIN = −20 dBS, 1 kHz
−8.0
−6.0
−4.0
dBS
(Gain
= mode 1)
L-out, Gain
= 1, Vol. = 3 V
Vol. level L/R balance
BVOL
VVOLL
− VVOLR
−1.2
0.0
1.2
dB
Volume maximum level L
VOMAXL VIN = −20 dBS, 1 kHz
2.5
4.0
5.5
dBS
Gain
= 1, Vol. = 5 V
Volume maximum level R
VOMAXR VIN = −20 dBS, 1 kHz
2.5
4.0
5.5
dBS
Gain
= 1, Vol. = 5 V
Volume minimum level L
VOMINL
VIN = −20 dBS, 1 kHz

−63.0
dB
Gain
= 1, Vol. = 0 V
VOMINL/VOMAXL
Volume minimum level R
VOMINR
VIN = −20 dBS, 1 kHz

−63.0
dB
Gain
= 1, Vol. = 0 V
VOMINR/VOMAXR
HiFi AGC mode
VAGCEL
VIN = −20 dBS, 1 kHz
−8.0
−6.0
−4.0
dBS
EE level L
Gain
= 1, Vol. = 3 V
HiFi AGC mode
VAGCER
VIN = −20 dBS, 1 kHz
−8.0
−6.0
−4.0
dBS
EE level R
Gain
= 1, Vol. = 3 V
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC1
4.5 to 5.3
V
VCC2
8.0 to 12.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn