Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3664NFB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN3664NFB
Description  Single chip audio signal processing IC for HiFi VCR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3664NFB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN3664NFB Datasheet HTML 1Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 2Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 3Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 4Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 5Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 6Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 7Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 8Page - Panasonic Semiconductor AN3664NFB Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ICs for VCR
AN3664NFB
3
s Pin Descriptions
Pin No.
Description
25
FM emph. / De-emph. (R-channel)
26
CCA output pin (R-channel: NR emph.)
27
NR ref. (R-channel)
28
GND (R-channel)
29
NR det. 2 (R-channel)
30
NR det. 1 (R-channel: Weighting)
31
VCC (VCC1 = 5 V)
32
BS1 in (R-channel) and Normal recording in
33
BS2 in (R-channel)
34
AUX in (R-channel)
35
TV in (R-channel)
36
Recording input volume adjusting pin
37
Normal audio input
38
Normal audio output
39
VCC (VCC2 = 12 V)
40
RF conv. AGC det.
41
RF conv. amp. output
42
GND
43
Output mute (R-channel)
44
Output mute (L-channel)
45
Line amp. output (R-channel)
46
Line amp. output (L-channel)
47
LOG amp. output (R-channel)
48
LOG amp. output (L-channel)
Pin No.
Description
1
Recording input volume adjusting pin
2
HiFi AGC det. pin
3VREF1 (1/2VCC1)
4
TV in (L-channel)
5
AUX in (L-channel)
6
BS2 in (L-channel)
7
BS1 in (L-channel)
8
NR det. 1 (L-channel: Weighting)
9
NR det. 2 (L-channel)
10
GND (L-channel)
11
NR ref. (L-channel)
12
CCA output pin (L-channel: NR emph.)
13
FM emph. / De-emph. (L-channel)
14
N.C.
15
Rec. FM output / PB BPF monitor
16
Serial clock input
17
Serial data input
18
Head switching pulse input for FM audio
19
Playback FM input
20
Envelope det. and forced normal output
21
Normal judgement noise detection
22
PE
23
Output mute CTL
24
Resistor selection pin (or N.C. on use)
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC1
5.5
V
VCC2
13.0
Power dissipation *
1, 2
PD
639
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Note) 1. The reverse insertion of this IC will cause its breakdown.
2. *1: Except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is the value for Ta = 75°C.


Similar Part No. - AN3664NFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN366 ETC2-AN366 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN3664NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
logo
Sanyo Semicon Device
LA7437 SANYO-LA7437 Datasheet
215Kb / 8P
   Video Signal Processing IC for VHS VCR Systems
LA7440 SANYO-LA7440 Datasheet
404Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7449 SANYO-LA7449 Datasheet
398Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7425 SANYO-LA7425 Datasheet
225Kb / 7P
   NTSC Format Single-Chip Processing IC for VHS VCR Products
LA75691 SANYO-LA75691 Datasheet
267Kb / 13P
   IF Signal-Processing IC for PAL/NTSC Multichannel Audio TV and VCR Systems
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com