Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-H573 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-H573
Description  5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-H573 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-H573 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-H573 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride, trichloroeth-
ylene, carbon tetrachloride, etc.)
are not recommended for cleaning
LED parts. All of these various
solvents attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 1. Maximum allowable average
current per dot vs. ambient temperature.
Figure 2. Forward current (DC) vs. forward
voltage.
0
0
TA – AMBIENT TEMPERATURE – °C
20
80
120
15
60
40
R
θJ-A = 770°C/W
5
10
20
25
30
100
0.5
0
VF – FORWARD VOLTAGE – V
100
70
60
30
10
2.0
3.0
80
50
20
1.5
2.5
40
1.0
90
For information on soldering
LEDs, please refer to Application
Note 1027 and Application Note 1060.
Device Reliability
For reliability information, please
see the reliability data sheet
5 x 7 Bi-Color General Purpose
Dot Matrix Displays.
0
0
IF – FORWARD CURRENT PER DOT – mA
12
8
4
20
10
6
2
10
30
515
25
6


Similar Part No. - HDSP-H573

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H511 HP-HDSP-H511 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H511 AVAGO-HDSP-H511 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-H511 AVAGO-HDSP-H511 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-H511-00200 HP-HDSP-H511-00200 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-H511-00300 HP-HDSP-H511-00300 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-H573

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com