Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-H571 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-H571
Description  5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-H571 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-H571 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-H571 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Absolute Maximum Ratings at TA = 25˚C
High Efficiency Red
Parameter
Symbol
(HER)
Units
Power Dissipation per Dot
PD
60
mW
Peak Forward Current per Dot
IPEAK
80
mA
Average Forward Current per Dot
IF AVG
25[1]
mA
Reverse Voltage per Dot
VR
5V
Operating Temperature
TO
–40 to +85
°C
Storage Temperature
Ts
–40 to +85
°C
Wave Soldering Conditions
Temperature
250
°C
(2 mm [0.079 in.] below Body)
Time
3
s
Note:
1. Derate above 50
°C at 0.36 mA/°C.
Optical/Electrical Characteristics at TA = 25˚C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
2.1
2.6
V
IF = 20 mA
Reverse Voltage per Dot
VR
5.0
V
IR = 100 µA
Intensity per Dot
Iv
2.20
3.30
mcd
IFP = 40 mA,
1/8Duty
Peak Wavelength
λP
632
nm
IF = 20 mA
Dominant Wavelength
λD
622
nm
IF = 20 mA
Spectral Line Half Wavelength
∆λ
40
nm
IF = 20 mA
Thermal Resistance LED
R
θJ-PIN
320
°C/W/Dot
Junction-to-Pin
Notes:
1. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
2. Typical specification for reference only. Do not exceed absolute maximum ratings.
Intensity Bin Limits (IFP = 40 mA at 1/8 Duty Factor)
Bin
IV, Min. (mcd)
IV, Max. (mcd)
G
2.20
3.30
H
3.31
4.97
Tolerance of each minimum and maximum =
±15%.


Similar Part No. - HDSP-H571

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H511 HP-HDSP-H511 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H511 AVAGO-HDSP-H511 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-H511 AVAGO-HDSP-H511 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-H511-00200 HP-HDSP-H511-00200 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-H511-00300 HP-HDSP-H511-00300 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-H571

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com