Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1624051 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1624051
Description  Device connector, front mounting - CA-12S1N126L00
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1624051 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1624051 Datasheet HTML 1Page - PHOENIX CONTACT 1624051 Datasheet HTML 2Page - PHOENIX CONTACT 1624051 Datasheet HTML 3Page - PHOENIX CONTACT 1624051 Datasheet HTML 4Page - PHOENIX CONTACT 1624051 Datasheet HTML 5Page - PHOENIX CONTACT 1624051 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1624051
08/12/2021   Page 3 / 6
Device connector, front mounting - CA-12S1N126L00 - 1624051
Classifications
eCl@ss
eCl@ss 10.0.1
27440109
eCl@ss 11.0
27440109
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700
eCl@ss 5.0
27260700
eCl@ss 5.1
27260700
eCl@ss 6.0
27260700
eCl@ss 7.0
27440102
eCl@ss 9.0
27440103
ETIM
ETIM 6.0
EC002061
UNSPSC
UNSPSC 13.2
39121413
UNSPSC 18.0
39121413
UNSPSC 19.0
39121413
UNSPSC 20.0
39121413
UNSPSC 21.0
39121413
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
48 V
Nominal current IN
8 A
mm²/AWG/kcmil
18


Similar Part No. - 1624051

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1624050 PHOENIX-1624050 Datasheet
331Kb / 6P
   Device connector, front mounting - CA-12P1N126L00
1624053 PHOENIX-1624053 Datasheet
331Kb / 6P
   Device connector, front mounting - CA-16P1N126L00
1624054 PHOENIX-1624054 Datasheet
320Kb / 6P
   Device connector, front mounting - CA-16S1N126L00
logo
Tyco Electronics
1624055 MACOM-1624055 Datasheet
57Kb / 1P
   LEADED INDUCTORS SERIES-SC
logo
PHOENIX CONTACT
1624055 PHOENIX-1624055 Datasheet
342Kb / 6P
   Device connector, front mounting - CA-17P1N126L00
More results

Similar Description - 1624051

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619992 PHOENIX-1619992 Datasheet
299Kb / 6P
   Device connector, front mounting - CA-06P1N122S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
   Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
   Device connector, front mounting - CA-17P1NC22S00
1619957 PHOENIX-1619957 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-19S1N122S00
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
   Device connector, front mounting - CA-06P1N126Y00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-09P1NA22S00
1619928 PHOENIX-1619928 Datasheet
74Kb / 4P
   Device connector, front mounting - CA-07P1NA22S00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com