Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620181 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620181
Description  Cable connector - CA-16P1N12T008
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620181 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620181 Datasheet HTML 1Page - PHOENIX CONTACT 1620181 Datasheet HTML 2Page - PHOENIX CONTACT 1620181 Datasheet HTML 3Page - PHOENIX CONTACT 1620181 Datasheet HTML 4Page - PHOENIX CONTACT 1620181 Datasheet HTML 5Page - PHOENIX CONTACT 1620181 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1620181
08/12/2021   Page 2 / 6
Cable connector - CA-16P1N12T008 - 1620181
Technical data
Data of the insulating body
Type of contacts
Pin
Application
Signal
Number of positions
16
Direction of rotation
Standard
Rated voltage
48 V AC
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter of signal contacts
1 mm
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Housing data
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Type of locking
Screw locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Cable diameter
10 mm ... 14.5 mm
Sealing material
NBR
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
N
2
4
5
1
9
10
12
13
14
15
16
11
PO
6
7
8
3
Dimensional drawing
Ø26
78


Similar Part No. - 1620181

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
162018 FESTO-162018 Datasheet
86Kb / 1P
   Dual piston rod cylinder
logo
PHOENIX CONTACT
1620182 PHOENIX-1620182 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008
1620183 PHOENIX-1620183 Datasheet
509Kb / 16P
   CA-12P1N8AT008 - Cable connector
1620184 PHOENIX-1620184 Datasheet
534Kb / 15P
   CA-12S1N8AT008 - Cable connector
1620185 PHOENIX-1620185 Datasheet
249Kb / 6P
   Cable connector - CA-12P1N12T008
More results

Similar Description - 1620181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
   Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
   Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
   Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
   Cable connector - CA-17S1N12T006
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com