Electronic Components Datasheet Search |
|
R3111H351C Datasheet(PDF) 4 Page - RICOH electronics devices division |
|
R3111H351C Datasheet(HTML) 4 Page - RICOH electronics devices division |
4 / 20 page Rev.1.10 - 4 - s PIN CONFIGURATION q TO-92 q SOT-89 q SOT-23-5 q SC-82AB 12 3 (mark side) 12 3 (mark side) 123 54 (mark side) 43 12 (mark side) s PIN DESCRIPTION q TO-92 q SOT-89 q SOT-23-5 q SC-2AB Pin No. Symbol Pin No. Symbol Pin No. Symbol Pin No. Symbol 1VDD 1 OUT 1 OUT 1 OUT 2 GND 2 VDD 2VDD 2VDD 3 OUT 3 GND 3 GND 3 NC 4 NC 4 GND 5NC s ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VDD Supply Voltage 12 V VOUT1 Output Voltage (CMOS) VSS-0.3 to VDD+0.3 V VOUT2 Output Voltage (Nch) VSS-0.3 to 12 V IOUT Output Current 70 mA PD Power Dissipation 1* Note1 300 mW PD Power Dissipation 2* Note2 150 mW Topt Operating Temperature Range -40 to 85 °C Tstg Storage Temperature Range -55 to 125 °C Tsolder Lead temperature (Soldering) 260 °C, 10s *Note 1: applied to SOT-89 and TO-92 *Note 2: applied to SOT-23-5 and SC-82AB |
Similar Part No. - R3111H351C |
|
Similar Description - R3111H351C |