Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1Y40N60B3D Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGT1Y40N60B3D
Description  70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1Y40N60B3D Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGT1Y40N60B3D Datasheet HTML 1Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 2Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 3Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 4Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 5Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 6Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 7Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 8Page - Fairchild Semiconductor HGT1Y40N60B3D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG40N60B3 Rev. B
FIGURE 3. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 4. SHORT CIRCUIT WITHSTAND TIME
FIGURE 5. COLLECTOR TO EMITTER ON STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves (Unless Otherwise Specified) (Continued)
10
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
20
40
60
100
1
100
TC
VGE
110oC
10V
110oC15V
10V
75oC
15V
75oC
fMAX1 =0.05 / (td(OFF)I +td(ON)I)
RØJC =0.43
oC/W, SEE NOTES
PC = CONDUCTION DISSIPATION
(DUTY FACTOR = 50%)
fMAX2 =(PD -PC)/ (EON +EOFF)
TJ =150
oC, R
G =3Ω, L = 100µH, V CE = 480V
80
VGE , GATE TO EMITTER VOLTAGE (V)
10
11
12
13
14
15
4
6
8
10
14
16
12
18
200
300
400
500
600
700
800
900
tSC
ISC
VCE = 360V, RG =3Ω,TJ =125
oC
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VGE = 10V
TC =-55
oC
TC = 150
oC
TC =25
oC
0
123
45
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
50
100
150
200
DUTY CYCLE <0.5%, VGE = 15V
PULSE DURATION = 250
µs
TC = 150
oC
TC =-55
oC
TC =25
oC
01
234
VCE , COLLECTOR TO EMITTER VOLTAGE (V)
0
50
100
150
200
20
12
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
16
8
4
0
80
60
40
20
RG =3Ω,L =100µH, VCE = 480V
TJ = 150
oC, V
GE =15V
TJ =25
oC, V
GE = 15V
TJ =150
oC, V
GE =10V
TJ =25
oC, V
GE =10V
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
2
4
6
8
0
80
60
40
20
RG =3Ω,L =100µH, VCE = 480V
TJ =150
oC; V
GE = 10V AND 15V
TJ =25
oC; V
GE = 10V AND 15V
HGT1Y40N60B3D


Similar Part No. - HGT1Y40N60B3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4 FAIRCHILD-HGT1N40N60A4 Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1S10N120BNS FAIRCHILD-HGT1S10N120BNS Datasheet
217Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGT1S10N120BNS INTERSIL-HGT1S10N120BNS Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
More results

Similar Description - HGT1Y40N60B3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D Datasheet
327Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com