Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B35-C-02 Datasheet(PDF) 6 Page - Analog Devices

Part # 5B35-C-02
Description  ISOLATED LINEARIZED 4-WIRE RDT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B35-C-02 Datasheet(HTML) 6 Page - Analog Devices

  5B35-C-02 Datasheet HTML 1Page - Analog Devices 5B35-C-02 Datasheet HTML 2Page - Analog Devices 5B35-C-02 Datasheet HTML 3Page - Analog Devices 5B35-C-02 Datasheet HTML 4Page - Analog Devices 5B35-C-02 Datasheet HTML 5Page - Analog Devices 5B35-C-02 Datasheet HTML 6Page - Analog Devices 5B35-C-02 Datasheet HTML 7Page - Analog Devices 5B35-C-02 Datasheet HTML 8Page - Analog Devices 5B35-C-02 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5B35
Rev. 0 | Page 6 of 9
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 5B35 Input Field Connections
Table 1. Pin Function Descriptions—
Pin No.
Description
1
-EXC
2
LO
3
HI
4
+EXC
Figure 4 . Model 5B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 5B35-C-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
More results

Similar Description - 5B35-C-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34 Datasheet
549Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B47 AD-5B47 Datasheet
703Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B34 AD-3B34 Datasheet
358Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
7B47 AD-7B47 Datasheet
540Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B47 AD-3B47 Datasheet
347Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com