Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3501NFBP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3501NFBP Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICs for VCR
1
AN3501NFBP
Luminance, chroma and linear audio signal processing IC for VCR
s Overview
The AN3501NFBP is a luminance, chroma signal
processing IC for VCR (PAL and NTSC). It also inte-
grates a playback equalizer and an NTSC playback cir-
cuit.
A normal audio signal recording/playback circuit is
added so as to design a signal processing PCB in common
for both a HiFi and a normal model, resulting in space
saving of equipment.
This IC is a completely adjustment-free device which
has been realized by introducing a adjustment-free tech-
nology such as a Zener zap, and contributes to a more
efficient design/development and production of an equip-
ment.
s Features
• Supply voltage range 4.8 V to 5.2 V (600 mW typ.)
• Usable for 4.43 MHz/3.58 MHz systems
• 4.43 MHz system: PAL/NTSC/ME-SECAM
• 3.58 MHz system: NTSC/PAL-N
• Adjustment-free
• Video output level (recording mode)
• Video output level (playback mode)
• White clip level
•fO frequency: sync. tip frequency
• FM deviation
• FM level (recording mode)
• Chroma level (recording mode)
• Normal audio circuit built in
• NTSC to PAL conversion by adopting a simplified NTSC playback circuit of a line skip method.
• ME-SECAM discrimination circuit built-in
• All filters built-in, including a CCD filter
• The upper part flicker suppression by adoption of an ACC circuit by the field and an adaptive APC circuit
s Applications
• VCR, camera recorder, combined CTV/VCR set
QFH084-P-1818B
Unit: mm
21.2±0.2
18.0±0.2
63
43
121
22
42
84
64
(1.0)
0.6±0.2
0.35+0.1
–0.05
Seating plane
0.80
0.6±0.2
0
° to 10°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn