Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN3501NFBP Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part No. AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3501NFBP Datasheet(HTML) 6 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AN3501NFBP
ICs for VCR
6
s Electrical Characteristics at VCC = 5 V, Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminance recording system (continued)
Vertical emph. X value gain
G31-33
VIN = 40 mV[p-p], fIN = 150 kHz
−18.5 −15.0 −11.5
dB
CCD input output level
V29
VIN = 1 V[p-p], white 100%
375
405
440
mV[p-p]
NL emphasis/detail enhancer
GNE(1)
SP/edit: V76 = −20 dB,
0.4
1.2
2.0
dB
frequency characteristics 1
fIN = 500 kHz/150 kHz
NL emphasis/detail enhancer
GNE(2)
SP/edit: V76 = −20 dB,
1.7
2.9
4.1
dB
frequency characteristics 2
fIN = 2 MHz/150 kHz
NL emphasis/detail enhancer
GNE(3)
SP/normal: V76 = −20 dB,
1.1
2.1
3.1
dB
frequency characteristics 3
fIN = 500 kHz/150 kHz
NL emphasis/detail enhancer
GNE(4)
SP/normal: V76 = −20 dB,
3.2
4.7
6.2
dB
frequency characteristics 4
fIN = 2 MHz/150 kHz
NL emphasis/detail enhancer
GNE(5)
LP: V76 = −20 dB,
2.54
3.84
5.14
dB
frequency characteristics 5
fIN = 500 kHz/150 kHz
NL emphasis/detail enhancer
GNE(6)
LP: V76 = −20 dB,
3.9
5.9
7.9
dB
frequency characteristics 6
fIN = 2 MHz/150 kHz
NL emphasis/detail enhancer
GNE(7)
LP: V76 = 0 dB,
0.2
0.9
1.6
dB
frequency characteristics 7
fIN = 2 MHz/150 kHz
Main emphasis gain
GME
1 k
Ω/220+0.1 µF, f
IN = 150 kHz
13
15
17
dB
Main emphasis standard output
VME
White 100%, 1 V[p-p]
350
400
450
mV[p-p]
level
White clip level
LVWC
White 100%
176
183
190
%
Dark clip level
LVDC
White 100%
43
55
65
%
FM mod. output frequency
f36P
No input 4.43 MHz mode,
3.75
3.81
3.85
MHz
(4.43 PAL)
PAL mode
FM mod. output frequency
f36N(1)
No input 4.43 MHz mode,
3.37
3.47
3.57
MHz
(4.43 NTSC)
NTSC mode
FM mod. output frequency
f36N(2)
No input 3.58 MHz mode,
3.29
3.39
3.49
MHz
(3.58 NTSC)
NTSC mode
FM mod. output secondary
2f36P
No input PAL mode
−45
−35
dB
distortion (PAL)
FM mod. deviation (PAL)
D36P
White 100%
0.95
1.0
1.05
MHz
FM mod. deviation (NTSC)
D36N
White 100%
0.9
1.0
1.1
MHz
Rec. FM total output amplitude
VFM
V36 /4 × G38-41 , V36: pin 36 amplitude 332.5
350
367.5 mV[p-p]
(PAL)
Rec. FM amp.
f38-41
10 MHz/4 MHz
−2.5 − 0.5
0.5
dB
frequency characteristics
Luminance playback system
FM demodulation sensitivity
∆V
53V
Pin 51 input, fIN = 3.8 MHz, 4.8 MHz
0.13
0.175
0.22
V/MHz
(VHS)
FM demodulation sensitivity
∆V
53S
Pin 51 input, fIN = 5.4 MHz, 7.0 MHz
0.13
0.175
0.22
V/MHz
(SQPB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn