Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN3501NFBP Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3501NFBP Datasheet(HTML) 5 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ICs for VCR
AN3501NFBP
5
s Electrical Characteristics at VCC = 5 V, Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC characteristics (continued)
Audio mute hold voltage
V69H
3.5
5.0
V
Audio through hold voltage
V69L
0
1.25
V
After-recording mode hold voltage
V70H
4.0
5.0
V
Insertion mode hold voltage
V70L
0
1.0
V
VV edit mode hold voltage
V33H
4.0
5.0
V
EE edit mode hold voltage
V43H
4.0
5.0
V
SQPB mode hold voltage
V48H
3.25
5.0
V
Luminance recording system
AGC characteristics
∆V
18-25
White 100%,
− 0.5
0.5
1.0
dB
VIN = [2.0 V[p-p]]/[0.5 V[p-p]]
EE out amplitude (PAL)
V20-25P White 100%, V: S = 7: 3,
1.995
2.1
2.205
V[p-p]
VIN = 1 V[p-p]
AGC frequency characteristics
f20-25
fIN = 5 MHz/1 MHz
−2.0 − 0.5
0.5
dB
AGC output level ratio
∆V
20-25
White 140%, 1.28 V[p-p],
0.05
0.55
1.25
dB
Ratio to V20-25P
EE out amplitude (NTSC)
V20-25N White 100%, V = 0.714 V[p-p],
1.9
2.1
2.3
V[p-p]
VIN = 1 V[p-p]
M LPF frequency characteristics 1
f18-76(1) 4.43 MHz mode, VIN = 100 mV[p-p]
−1.7
0.1
0.9
dB
fIN = 2 MHz/0.15 MHz
M LPF frequency characteristics 2
f18-76(2) 4.43 MHz mode, VIN = 100 mV[p-p]
−4.2
−2.2
−0.7
dB
fIN = 3 MHz/0.15 MHz
M LPF frequency characteristics 3
f18-76(3) 4.43 MHz mode, VIN = 100 mV[p-p]
−35
−30
dB
fIN = 4.43 MHz/0.15 MHz
M LPF frequency characteristics 4
f18-76(4) 3.58 MHz mode, VIN = 100 mV[p-p]
−4.8
−1.8
0.2
dB
fIN = 2.2 MHz/0.15 MHz
M LPF frequency characteristics 5
f18-76(5) 3.58 MHz mode, VIN = 100 mV[p-p]
−39
−27
dB
fIN = 3.58 MHz/0.15 MHz
Sync. separation minimum input
S16
White 100%, VIN = 0.145 V[p-p],
23
30
37
%
sensitivity
Pin 76 amplitude
Sync. separation output pulse
T16
White 100%, VIN = 1.0 V[p-p],
1.14
1.34
1.54
µs
front-edge delay
including LPF
Sync. separation low-level
V16L
RL (VCC) = 10 kΩ
0.7
V
output pulse
Sync. separation high-level
V16H
RL (GND) = 22 kΩ
4.5

V
output pulse
Vertical emph. 1-K value gain 1 G76-29(1) V76 = 400 mV[p-p], LP, fIN = 150 kHz
−3.0
−1.5
0
dB
Vertical emph. 1-K value gain 2 G76-29(2) V76 = 400 mV[p-p], LP, fIN = 2 MHz
−1.5
0
1.5
dB
Vertical emph. difference signal
∆V
VE
White 100%, 1 V[p-p]
30
100
mV[p-p]
amplitude


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn