Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3501NFBP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3501NFBP Datasheet(HTML) 4 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AN3501NFBP
ICs for VCR
4
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.8 to 5.2
V
s Recommended Operating Range
s Pin Descriptions (cntinued)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
5.5
V
Supply current
ICC
175
mA
Power dissipation *
2
PD
660
mW
Operating ambient temperature *
1
Topr
−20 to +70
°C
Storage temperature *
1
Tstg
−25 to +125
°C
s Absolute Maximum Ratings
Note) 1. *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is for the IC package at Ta = 70°C
Pin No.
Description
75
VCO GND
76
ACC out/killer out
77
Rec. AFC/PB APC det.
78
2fSC out
79
Side lock det.
Pin No.
Description
80
XO/VCXO out
81
C GND
82
XO/VCXO in
83
XO/VCXO out
84
Rec. APC/fH AFC det.
s Electrical Characteristics at VCC = 5 V, Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC characteristics
Supply current (EE)
ICCR
VCC = 5 V, EE mode
92
117
144
mA
Supply current (VV)
ICCP
VCC = 5 V, VV mode
105
133
164
mA
High mode hold voltage
VH
Pin 2, pin 39, pin 50, pin 52, pin 56
3.5
5.0
V
Middle mode hold voltage
VM
Pin 2, pin 39, pin 50, pin 52, pin 56
1.75
3.0
V
Low mode hold voltage
VL
Pin 2, pin 39, pin 50, pin 52, pin 56
0
1.25
V
Sync. level insertion mode hold
V30H
3.5
5.0
V
voltage
Gray level insertion mode hold
V30M
1.5
3.0
V
voltage
Through mode hold voltage
V30L
0
1.0
V
Rotary SWH hold voltage
V49H
3.5
5.0
V
Rotary SWL hold voltage
V49L
0
1.25
V
4.43 MHz mode hold voltage
V55H
1.75
5.0
V
3.58 MHz mode hold voltage
V55L
0
1.25
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn