Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN3501NFBP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN3501NFBP
Description  Luminance, chroma and linear audio signal processing IC for VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN3501NFBP Datasheet(HTML) 3 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ICs for VCR
AN3501NFBP
3
s Pin Descriptions
Pin No.
Description
1
Y/C mix. chroma input pin
2
EE/VV/trick changeover
3
PB chroma output
4
Chroma VCC(1)
5
Chroma VCC(2)
6
BM DC det.
7
ACC det.
8
F. ACC det. (ROT: high)
9
F. ACC det. (ROT: low)
10
C comb filter input
11
Killer det.
12
C comb filter output
13
SECAM det. 1
14
SECAM det. 2
15
Sync. sepa. det.
16
HSS out
17
AGC det.
18
Line in
19
VREG (2.0 V)
20
Tuner in
21
Lumi. VCC
22
CCD AGC det.
23
Sub clamp det. 1
24
Sub clamp det. 2
25
Video out
26
Sub clamp det. 4
27
CCD DL in
28
Lumi. GND
29
CCD DL out
30
Quasi-sync. pulse input
31
YNR lim. DC
32
N.C. LPF
33
Main emph. FB in/VV edit high
34
Main emph. out
35
Sub clamp det. 3
36
FM mod. out
37
fO det.
Pin No.
Description
38
Rec. Y-mix. in
39
Line/test1/tuner changeover
40
SECAM-ID out
41
RF In/Out
42
RF GND
43
RF AGC det./EE edit high
44
Phase shift pos.
45
Phase shift neg.
46
Phase shift in
47
RF VCC
48
RF EQ. peaking/SQPB high
49
Rotary in
50
M-SECAM/PAL/NTSC changeover
51
Ext. RF in
52
Through/test2/PBNTSC changeover
53
Peaking
54
Main de-emphasis
55
4.43 MHz/3.58 MHz changeover
56
SLP/LP/SP changeover
57
NA-PB amp. in
58
NA-PB EQ. out
59
NA-PB EQ. SW
60
NA-PB NF
61
NA-PB in
62
NA-PB in EQ./SLP
63
NA GND
64
NA-rec. out
65
NA-rec. EQ. NF
66
NA-rec. EQ. LP/SLP
67
NA VCC
68
NA-line out
69
NA-mute in
70
NA-tuner in
71
1/2 VCC
72
NA-AGC det.
73
NA-line in
74
VCO fO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn