Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2704 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2704
Description  3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2704 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2704 Datasheet HTML 1Page - New Japan Radio NJM2704 Datasheet HTML 2Page - New Japan Radio NJM2704 Datasheet HTML 3Page - New Japan Radio NJM2704 Datasheet HTML 4Page - New Japan Radio NJM2704 Datasheet HTML 5Page - New Japan Radio NJM2704 Datasheet HTML 6Page - New Japan Radio NJM2704 Datasheet HTML 7Page - New Japan Radio NJM2704 Datasheet HTML 8Page - New Japan Radio NJM2704 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJM2704
-3 -
s
s
s
sABSOLUTE MAXIMUM RATING (Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7
V
Power Dissipation
PD
320
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
sOPERATING VOLTAGE
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating
Voltage
V+
-
1.8
3.0
6.0
V
s
s
s
sELECTRICAL CHARACTERISTICS (V+=3V, Ta=25
°C unless otherwise specified)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
L
R
OUTPUT
MODE
VR
MIN.
TYP.
MAX.
UNIT
0
0
-
Active
-
-
450
700
Operating
Current
ICC
No Signal
0
0
-
Standby
-
-
0.1
1.0
µA
Reference
Voltage
Vref
No Signal
0
0
-
-
-
1.0
1.15
1.3
V
qAC CHARACTERISTICS
(V+=3V, Ta=25
°C, V
IN=-20dBV(100mVrms), f=1kHz, RL=10k
Ω, unless otherwise specified)
TEST CONDITION
INPUT
PARAMETER
SYMBOL
L
R
OUTPUT
MODE
VR
MIN.
TYP.
MAX.
UNIT
f=1kHz
T.H.D.=1%
VIN
0
0
VIN
L
R
Bypass
-
-
-2.0
(790)
-
f=100Hz
T.H.D.=1%
VIN
0
0
VIN
L
R
Surround
MAX
-
-16.0
(160)
-
V+=1.8V
f=1kHz
T.H.D.=1%
VIN
0
0
VIN
L
R
Bypass
-
-10.5
(300)
-8.5
(380)
-
Maximum
Input Voltage
VIM
V+=1.8V
f=100Hz
T.H.D.=1%
VIN
0
0
VIN
L
R
Surround
MAX
-24.5
(60)
-22.5
(75)
-
dBV
(mVrms)
Rg=0
A-Weighted
0
0
L
R
Bypass
-
-
-112
(2.5)
-106
(5.0)
Output Noise
VNO
Rg=0
A-Weighted
0
0
L
R
Surround
MAX
-
-100
(10)
-94
(20)
dBV
(
µVrms)
f=1kHz
VIN
0
0
VIN
L
R
Bypass
-
-
0.02
0.05
Total
Harmonic
Distortion
T.H.D
f=1kHz
VIN
0
0
VIN
L
R
Surround
MAX
-
0.1
0.5
%


Similar Part No. - NJM2704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2700 NJRC-NJM2700 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700FJ1 NJRC-NJM2700FJ1 Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700G NJRC-NJM2700G Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2700L NJRC-NJM2700L Datasheet
211Kb / 19P
   SRS WOW AUDIO PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
More results

Similar Description - NJM2704

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2703 NJRC-NJM2703 Datasheet
178Kb / 10P
   3D SURROUND AUDIO PROCESSOR FOR HEADPHONE
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
NJM2191 NJRC-NJM2191 Datasheet
89Kb / 7P
   SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com