Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620119 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1620119
Description  Coupler connector - CA-06S1N129007
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620119 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1620119 Datasheet HTML 1Page - PHOENIX CONTACT 1620119 Datasheet HTML 2Page - PHOENIX CONTACT 1620119 Datasheet HTML 3Page - PHOENIX CONTACT 1620119 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1620119
04/05/2016   Page 3 / 4
Coupler connector - CA-06S1N129007 - 1620119
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
 
mm²/AWG/kcmil
14
Nominal current IN
20 A
Nominal voltage UN
300 V
cUL Recognized 
 
 
mm²/AWG/kcmil
14
Nominal current IN
10 A
Nominal voltage UN
300 V
EAC 
cULus Recognized 
Drawings


Similar Part No. - 1620119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
logo
Turck, Inc.
1620114 TURCK-1620114 Datasheet
138Kb / 2P
   Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1620115 PHOENIX-1620115 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129007
1620116 PHOENIX-1620116 Datasheet
465Kb / 14P
   CA-06P1N8A9007 - Coupler connector
1620117 PHOENIX-1620117 Datasheet
539Kb / 16P
   CA-06S1N8A9007 - Coupler connector
More results

Similar Description - 1620119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620144 PHOENIX-1620144 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129006
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com