Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8497 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8497
Description  SCSI-2 Disk Data Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8497 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP8497 Datasheet HTML 65Page - National Semiconductor (TI) DP8497 Datasheet HTML 66Page - National Semiconductor (TI) DP8497 Datasheet HTML 67Page - National Semiconductor (TI) DP8497 Datasheet HTML 68Page - National Semiconductor (TI) DP8497 Datasheet HTML 69Page - National Semiconductor (TI) DP8497 Datasheet HTML 70Page - National Semiconductor (TI) DP8497 Datasheet HTML 71Page - National Semiconductor (TI) DP8497 Datasheet HTML 72Page - National Semiconductor (TI) DP8497 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
60 DC Specifications
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature (TSTG) Range
b
65 Cto a165 C
Package Power Dissipation (PD)
15W
Lead Temperature (TL)
(Soldering 10 Seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Operating Temperature (TA)0
a
70
C
ESD Tolerance
CZAP e 100 pF
2000
V
RZAP e 15 kX
(Note 4)
DC Electrical Characteristics VCC e 5V g10% TA e 0 Cto70 C unless otherwise specified (Note 3)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
20
V
VIL
Low Level Input Voltage
08
V
IIH
Input Current
VIN e VCC or GND
g
20
m
A
IOZ
Output TRI-STATE Leakage Current
VOUT e VCC or GND
g
20
m
A
ICC
Average VCC Supply Curent
VIN e VIH or VIL IOUT e 0 mA
50
mA
BCLK e 20 MHz RCLK e 33 MHz
BUFFER MEMORY PINS
(DB1 ADB2 AB3 AB4 ADSo RDo WRo)
VOH
High Level Output Voltage
VIN e VIH or VIL
lIOUTl e 20 mAVCC b 01
V
VIN e VIH or VIL
lIOUTl e 80 mA
35
V
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 80 mA
04
V
SCSI BUS PINS
(SCSI Data and SCSI Control Pins on DP8496 Only)
ILKG
Output High Leakage Current
VOUT e VCC or GND
g
20
m
A
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 480 mA
05
V
RDYMODE PIN IN MODE CONFIGURATION
IIL
Input Low Current
VIN e GND
b
500
m
A
ALL OTHER PINS
(Including SCSI Data Control and Transceiver Direction Control Pins on DP8497)
VOH
High Level Output Voltage
VIN e VIH or VIL
lIOUTl e 20 mAVCC b 01
V
VIN e VIH or VIL
lIOUTl e 20 mA
35
V
VOL
Low Level Output Voltage (SCSI)
VIN e VIH or VIL
lIOUTl e 20 mA
01
V
VIN e VIH or VIL
lIOUTl e 20 mA
04
V
SCSI INPUT PINS CHARACTERISTICS
(SCSI Data and SCSI Control Pins)
Symbol
Parameter
Conditions
Typ
Units
VHYS
Input Hysteresis
02
V
VTH
Nominal Switching Threshold
14
V
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
These DC Electrical Characteristics are measured staticly and not under dynamic conditions
Note 4
Value based on test complying with NSC SOP-5-028 human body model ESD testing using the ETS-910 tester
69


Similar Part No. - DP8497

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8497

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
   Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
   DP8473 Floppy Disk Controller PLUS-2
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com