Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8497 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8497
Description  SCSI-2 Disk Data Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8497 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8497 Datasheet HTML 1Page - National Semiconductor (TI) DP8497 Datasheet HTML 2Page - National Semiconductor (TI) DP8497 Datasheet HTML 3Page - National Semiconductor (TI) DP8497 Datasheet HTML 4Page - National Semiconductor (TI) DP8497 Datasheet HTML 5Page - National Semiconductor (TI) DP8497 Datasheet HTML 6Page - National Semiconductor (TI) DP8497 Datasheet HTML 7Page - National Semiconductor (TI) DP8497 Datasheet HTML 8Page - National Semiconductor (TI) DP8497 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
20 Pin Description (Continued)
Symbol
Pin
Type
Function
DISK DATA CONTROLLER PINS
RGATE
20
O
READ GATE
This active high output is asserted while the Disk Data Controller is reading data
from the disk It commands an external data separator to acquire lock and enables the RDATA
pin
RCLK
21
I
READ CLOCK
This input is the disk data rate clock When RGATE is deasserted low this pin
will receive the crystal or servo derived clock When RGATE is asserted high this pin will
receive the recovered NRZ clock from the decoder Each rising edge of the clock at this input
is used to strobe RDATA into the Disk Data Controller The AC timing characteristics should
not be violated even during the time of transition between clock sources
RDATA
22
I
READ DATA
This active high input accepts NRZ disk data from the data synchronizer
decoder
WGATE
23
O
WRITE GATE
This active high output is asserted while writing data to the disk
WCLK
24
O
WRITE CLOCK
This output is derived from RCLK and is used to clock NRZ WDATA out from
the DP84967 The rising edge indicates vaild WDATA
WDATA
25
O
WRITE DATA
This active high output is the NRZ data to be written to the disk It is
synchronized to WCLK It is held deasserted any time WGATE is deasserted
INDEX
26
I
INDEX
This active high input from the disk drive signifies the start of a track Disk Data
Controller commands may be synchronized to it
AMFSEC
27
I
ADDRESS MARK FOUNDSECTOR
This active high input denotes the start of a sector in
hard and pseudo-hard sectored drives Soft sectored drives use AMF to denote the start of
header and data fields
AME
28
O
ADDRESS MARK ENABLE
This active high output forces the read-channel encoder to
generate an Address Mark It is also used to enable Address Mark detection for pseudo-hard
sectored drives
PROCESSOR INTERFACE PINS
CRST
37
I
RESET
This active low Schmitt input will reset the DP84967 immediately without regard to
data transfers which may be in progress Registers affected are listed in Table 31
PADB07
40 – 47
IO
PROCESSORADDRESSDATA BUS 0 – 7
These eight active high bi-directional lines
transfer information between the DP84967 and the processor
ADSi
29
I
ADDRESS STROBE IN
This active high input latches the address from PADB0 – 7 on the
falling edge The latched address is used to select internal registers
RDi or DS
30
I
The function of this pin is determined by the processor mode initialized by the RDY MODE pin
READ STROBE (IN)
NSCIntel mode This active low input combined with a low level on CS
will assert data from the addressed register onto the PADB0 – 7 bus
DATA STROBE
ZilogMotorola Mode This active low input combined with a low level on CS
will either assert data from the addressed register onto the PADB0 – 7 bus or it will write data
present on the PADB0 – 7 bus into the register The data direction is determined by the WR
pin
WRi or
31
I
The function of this pin is determined by the processor mode initialized by the RDYMODE pin
RW
WRITE STROBE (IN)
NSCIntel Mode This active low input combined with a low level on CS
will write data present on the PADB0 – 7 bus into the addressed register
READWRITE
ZilogMotorola Mode This pin determines the direction of data transfer on
the PADB0 – 7 bus while the CS and DS pins are both asserted High e Read Low e Write
CS
32
I
CHIP SELECT
This active low input must be asserted to access any of the registers
5


Similar Part No. - DP8497

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8497

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
   Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
   DP8473 Floppy Disk Controller PLUS-2
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com