Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8496 Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 77Page - National Semiconductor (TI) DP8496 Datasheet HTML 78Page - National Semiconductor (TI) DP8496 Datasheet HTML 79Page - National Semiconductor (TI) DP8496 Datasheet HTML 80Page - National Semiconductor (TI) DP8496 Datasheet HTML 81Page - National Semiconductor (TI) DP8496 Datasheet HTML 82Page - National Semiconductor (TI) DP8496 Datasheet HTML 83Page - National Semiconductor (TI) DP8496 Datasheet HTML 84Page - National Semiconductor (TI) DP8496 Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
70 AC Specifications (Continued)
721 SCSI SELECTION AS TARGET
TLF11212 – 55
ID
Symbol
Parameter
Optimal BCLK
Worst Case
Units
Min
Max
Min
Max
211
bihbol
BSY In Deasserted to BSY Out Asserted (Note 1)
400
800
400
1300
ns
212
blsh
BSY Out Asserted to SEL In Hold
0
0
ns
213
blih
BSY In Asserted to SCSI ID Hold
0
0
ns
214
shiov
SEL In Deasserted to IO CD MSG Asserted
100
100
ns
Note 1
This time starts when BSY is deasserted AND SEL is asserted AND IO is asserted AND the logical OR of SCSI ID is valid
All SCSI signals are active-high on the DP8497
722 SCSI RESELECTION AS TARGET
TLF11212 – 56
ID
Symbol
Parameter
Optimal BCLK
Worst Case
Units
Min
Max
Min
Max
221
bobv
BSY Out Deasserted to BSY In Valid (Note 1)
400
400
ns
222
blsu
BSY In Asserted to SEL Out Deasserted
90
90
ns
223
sliv
SEL Out Asserted to SCSI ID Out Valid
12
14
12
21
m
s
224
ivbo
SCSI ID Out Valid to BSY Out Deasserted
90
230
90
350
ns
225
shdz
SEL Out Deasserted to SCSI Data Deasserted
b
30
30
b
30
30
ns
226
sliol
SEL Out Asserted to IO Asserted
12
14
12
21
m
s
227
blidi
BSY in Asserted to SCSI ID Out In Valid
90
90
ns
Note 1
BSY may be asserted sooner but it will not be detected until (bobv) time has passed
All SCSI signals are active-high on the DP8497
81


Similar Part No. - DP8496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8496

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
   Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
   DP8473 Floppy Disk Controller PLUS-2
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com