Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8496 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8496 Datasheet HTML 1Page - National Semiconductor (TI) DP8496 Datasheet HTML 2Page - National Semiconductor (TI) DP8496 Datasheet HTML 3Page - National Semiconductor (TI) DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
10 Overview
The DP84967 contains four major sections Each section is
listed below along with the major functions performed within
that section
1 Processor Interface
Processor Interface for chip control
2 Buffer Memory Interface
SRAMDRAM control timing
Memory access arbitration
Memory access prioritization
3 Disk Data Controller
SerializerDeserializer (SERDES)
ReadWriteFormat Control
CRCECC generationcheckingcorrecting
4 SCSI Bus Controller
SCSI Data Transfer Control
SCSI Bus Controlphase changes
Parity generationchecking
On-chip bus transceivers
The Processor Interface section allows the drive’s proces-
sor access to all programmable features of the chip This
interface is used to initiate and control any function or oper-
ation on both disk and SCSI data All DP84967 registers
are accessed through this section
Buffer RAM is needed for all disk or SCSI data transfers
This RAM is connected to the Buffer Memory Interface sec-
tion The DP84967 assumes exclusive access to this buffer
RAM This enables the chip to utilize the full bandwidth of
the RAM to streamline any combination of disk SCSI or
processor transfers All transfer of data is done with on-chip
DMA Address pointers may be pipelined which will allow
different groups of data to be placed in non-consecutive
locations in buffer memory
The Disk Data Controller section transfers NRZ data to the
serial disk data path Sector size gaps synch bytes etc are
programmable It can work with hard or soft sectored drives
ESDI soft sectored (pseudo-hard) AMFAME handshaking
is programmable Fixed 324856-bit ECC polynomial hard-
ware automatically generates and checks error correction
fields Correction calculation is done on chip which will re-
lieve the processor of the time and code space overhead of
this function
The SCSI Bus Controller section saves the user board area
by integrating the 48 mA open drain drivers The controller
was designed to minimize the number of interrupts generat-
ed due to phase changes parity errors and the like Groups
of often used phase sequences can be invoked with a sin-
gle command
An internal timer is also available on the DP84967 which
may be used to accurately control the execution of certain
commands for the disk or SCSI sections
Block Diagram
TLF11212 – 2
3


Similar Part No. - DP8496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84902 NSC-DP84902 Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902M NSC-DP84902M Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84902MS NSC-DP84902MS Datasheet
209Kb / 16P
   1,7 Encoder/Decoder Circuit
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
[Old version datasheet]   DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP8496

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53CF94 AMD-AM53CF94 Datasheet
735Kb / 76P
   Enhanced SCSI-2 Controller (ESC)
logo
National Semiconductor ...
DP8473 NSC-DP8473 Datasheet
357Kb / 28P
   DP8473 Floppy Disk Controller PLUS-2
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
Advanced Micro Devices
AM95C96 AMD-AM95C96 Datasheet
274Kb / 6P
   Optical Disk Controller
logo
List of Unclassifed Man...
OTI-6828 ETC1-OTI-6828 Datasheet
371Kb / 7P
   FLASH DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com