Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28419 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. CY28419
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28419 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28419 Datasheet HTML 1Page - Cypress Semiconductor CY28419 Datasheet HTML 2Page - Cypress Semiconductor CY28419 Datasheet HTML 3Page - Cypress Semiconductor CY28419 Datasheet HTML 4Page - Cypress Semiconductor CY28419 Datasheet HTML 5Page - Cypress Semiconductor CY28419 Datasheet HTML 6Page - Cypress Semiconductor CY28419 Datasheet HTML 7Page - Cypress Semiconductor CY28419 Datasheet HTML 8Page - Cypress Semiconductor CY28419 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY28419
Document #: 38-07444 Rev. *D
Page 3 of 16
Frequency Select Pins (FS_A, FS_B)
Host clock frequency selection is achieved by applying the
appropriate logic levels to FS_A and FS_B inputs prior to
VTT_PWRGD# assertion (as seen by the clock synthesizer).
Upon VTT_PWRGD# being sampled low by the clock chip
(indicating processor VTT voltage is stable), the clock chip
samples the FS_A and FS_B input values. For all logic levels
of FS_A and FS_B except MID, VTT_PWRGD# employs a
one-shot functionality in that once a valid low on
VTT_PWRGD#
has
been
sampled
low,
all
further
VTT_PWRGD#, FS_A and FS_B transitions will be ignored. In
the case where FS_B is at mid level when VTT_PWRGD# is
sampled low, the clock chip will assume “Test Clock Mode”.
Once “Test Clock Mode” has been invoked, all further FS_B
transitions will be ignored and FS_A will asynchronously
select between the Hi-Z and REF/N mode. Exiting test mode
is accomplished by cycling power with FS_B in a high or low
state.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initializes to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in se-
quential order from lowest to highest byte (most significant bit
first) with the ability to stop after any complete byte has been
transferred. For byte write and byte read operations, the sys-
tem controller can access individually indexed bytes. The off-
set of the indexed byte is encoded in the command code, as
described in Table 3.
The block write and block read protocol is outlined in Table 4
while Table 5 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
Table 1. Frequency Select Table (FS_A FS_B)
FS_A
FS_B
CPU
SRC
3V66
PCIF/PCI
REF0
REF1
USB/DOT
0
0
100 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
0
MID
REF/N
REF/N
REF/N
REF/N
REF/N
REF/N
REF/N
0
1
200 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
1
0
133 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
1
1
166 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
1
MID
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Table 2. Frequency Select Table (FS_A FS_B) SMBus Bit 5 of Byte 6 = 1
FS_A
FS_B
CPU
SRC
3V66
PCIF/PCI
REF0
REF1
USB/DOT
0
0
200 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
0
1
400 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
1
0
266 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
1
1
333 MHz
100/200 MHz
66 MHz
33 MHz
14.3 MHz
14.31 MHz
48 MHz
Table 3. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte
read or byte write operation
(6:0)
Byte offset for byte read or byte write operation.
For block read or block write operations, these bits
should be '0000000'
Table 4. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn