Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28419 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY28419
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28419 Datasheet(HTML) 1 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Clock Synthesizer with Differential SRC and
CPU Outputs
CY28419
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07444 Rev. *D
Revised February 05, 2004
Features
• CK409B-compliant
• Supports Intel Pentium4-type CPUs
• Selectable CPU frequencies
• 3.3V power supply
• Ten copies of PCI clocks
• Two copies 48-mHz clock
• Five copies of 3V66 with one optional VCH
• Four differential CPU clock pairs
• One differential SRC clock
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 56-pin SSOP package
CPU
SRC
3V66
PCI
REF
48M
x 4
x 1
x 5
x 10
x 2
x 2
Note:
1.
Signals marked with [*] and [**] have internal pull-up and pull-down resistors, respectively.
Block Diagram
Pin Configuration
REF_0
REF_1
XIN
XOUT
VSS_REF
PCIF0
PCIF1
PCIF2
VDD_PCI
VSS_PCI
PCI0
PCI1
PCI2
PCI3
VDD_PCI
VSS_PCI
PCI4
PCI5
PCI6
PD#
3V66_0
3V66_1
VDD_3V66
VSS_3V66
FS_B
VDD_A
SDATA
VDD_SRC
SRCT
SRCC
VSS_SRC
CPUT0
CPUC0
VDD_CPU
CPUT1
CPUC1
VSS_CPU
CPUT2
CPUC2
VDD_CPU
CPUT3
FS_A
VSS_IREF
IREF
VSS_A
VTT_PWRGD#
3V66_2
3V66_3
SCLK
VDD_48
VSS_48
USB_48
3V66_4/VCH
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
VDD_REF
XTAL
PLL Ref Freq
XOUT
XIN
VDD_PCI
OSC
SCLK
PLL 1
I2C
Logic
VDD_48MHz
SDATA
VDD_3V66
Divider
Network
VDD_CPU
FS_(A:B)
PD#
REF0:1
VTT_PWRGD#
IREF
3V66_(0:3)
PCIF(0:2)
PCI(0:6)
DOT_48
3V66_4/VCH
2
PLL2
CPUT(0:3), CPUC(0:3)
VDD_SRC
SRCT, SRCC
USB_48
VDD_REF
DOT_48
CPUC3
[1]
SSOP-56


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn