Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111H241C Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R3111H241C
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111H241C Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R3111H241C Datasheet HTML 7Page - RICOH electronics devices division R3111H241C Datasheet HTML 8Page - RICOH electronics devices division R3111H241C Datasheet HTML 9Page - RICOH electronics devices division R3111H241C Datasheet HTML 10Page - RICOH electronics devices division R3111H241C Datasheet HTML 11Page - RICOH electronics devices division R3111H241C Datasheet HTML 12Page - RICOH electronics devices division R3111H241C Datasheet HTML 13Page - RICOH electronics devices division R3111H241C Datasheet HTML 14Page - RICOH electronics devices division R3111H241C Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Rev.1.10
- 11 -
s TEST CIRCUITS
ISS
VDD
OUT
GND
VIN
R3111X
Series
R3111X
Series
VDD
VOUT
5.0V
OUT
GND
VIN
470K
*Pull-up circuit is not necessary for
CMOS Output type, or R3111XXXXC
.
Figure 3. Supply Current Test Circuit
Figure 4. Detector Threshold Test Circuit
VDD
VDS
OUT
IOUT
GND
VIN
R3111X
Series
R3111X
Series
VDD
VDD- VDS
VDS
OUT
IOUT
GND
VIN
*Apply only to CMOS
Figure 5. Nch Driver Output Current Test Circuit
Figure 6. Pch Driver Output Current Test Circuit
VDD
VSS
VSS
OUT
OUT
GND
P.G.
R3111XXX1A
Series
470K
COUT
+5.0V
0.7V
ROUT
+VDET+2.0V
OUT
P.G.
VDD
VSS
VSS
OUT
GND
R3111XXX1A
Series
470K
100K
CIN
+5.0V
0.7V
ROUT
RIN
+VDET+2.0V
Figure 7. Output Delay Time Test Circuit (1)
Figure 8. Output Delay Time Test Circuit (2)


Similar Part No. - R3111H241C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111H241C RICOH-R3111H241C Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111H241C RICOH-R3111H241C Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R3111H SERIES MARK SPECIFICATION
More results

Similar Description - R3111H241C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com