Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731-8.2 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTC1731-8.2
Description  LITHIUM - LON LINEAR BATTERY CHARGER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC1731-8.2 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTC1731-8.2 Datasheet HTML 1Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 2Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 3Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 4Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 5Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 6Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 7Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 8Page - Lite-On Technology Corporation LTC1731-8.2 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1731-8.2/LTC1731-8.4
sn1731 17318fs
PIN FUNCTIONS
BAT (Pin 1): Battery Sense Input. A bypass capacitor of at
least 10
µF is required to keep the loop stable when the
battery is not connected. A precision internal resistive
divider sets the final float potential on this pin. The resistor
divider is disconnected in sleep mode.
CHRG (Pin 2): Open-Drain Charge Status Output. When
the battery is being charged, the CHRG pin is pulled low by
an internal N-channel MOSFET. When the charge current
drops to 10% of the full-scale current for at least 0.32
seconds, the N-channel MOSFET turns off and a 100
µA
current source is connected from the CHRG pin to GND.
When the timer runs out or the input supply is removed,
the current source will be disconnected and the CHRG pin
is forced into a high impedance state.
TIMER (Pin 3): Timer Capacitor and Constant-Voltage
Mode Disable Input Pin. A capacitor CTIMER connected
from this pin to ground sets a 30 hour/
µF time period for
charge termination. When the TIMER pin is connected to
VCC, the constant-voltage mode and the timer is disabled
and the IC will operate in constant-current mode only.
Short the TIMER pin to GND to disable the internal timer
and the C/10 functions.
GND (Pin 4): Ground.
PROG (Pin 5): Charge Current Program and Shutdown
Input Pin. The charge current is programmed by connect-
ing a resistor, RPROG to ground. The charge current is IBAT
= (VPROG • 800Ω)/(RPROG • RSENSE). The IC can be forced
into shutdown by floating the PROG pin and allowing the
internal 2.5
µA current source to pull the pin above the
2.457V shutdown threshold voltage.
DRV (Pin 6): Drive Output Pin for the P-Channel MOSFET
or PNP Transistor. If a PNP transistor is used, it must have
high gain (see Applications Information section). The DRV
pin is internally clamped to 6.5V below VCC.
VCC (Pin 7): Input Supply Voltage. VCC ranges from 8.8V
to 12V when charging. If VCC drops below VBAT + 54mV,
for example when the input supply is disconnected, then
the IC enters sleep mode with ICC < 30µA. Bypass this pin
with a 1
µF capacitor.
SENSE (Pin 8): Current Sense Input. Connect this pin to
the sense resistor. Choose the resistor value using the
following equation:
RSENSE = (VPROG • 800Ω)/(RPROG • IBAT)


Similar Part No. - LTC1731-8.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-8.2 LINER-LTC1731-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731-8.2

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com