Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2623 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX2623
Description  2.7V to 5.5V Single-Supply Operation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2623 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2623 Datasheet HTML 1Page - Maxim Integrated Products MAX2623 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quick Start
The MAX2622/MAX2623/MAX2624 EV kits are fully
assembled and factory tested. Follow the instructions in
the Connections and Setup section for proper device
evaluation.
Test Equipment Required
This section lists the recommended test equipment to
verify operation of the MAX2622/MAX2623/MAX2624. It
is intended as a guide only, and some substitutions are
possible.
A two-channel power supply at +2.7V to +5.5V
An ammeter (optional)
An RF spectrum analyzer (HP 8561E, for example)
that covers the operating frequency range of the
MAX2622/MAX2623/MAX2624, as well as a few har-
monics
A 50
Ω SMA cable
Connections and Setup
This section provides a step-by-step guide to the func-
tions and operation of these EV kits.
1) Connect a DC supply set to +3V (through an amme-
ter, if desired) to the VCC and GND terminals on the
EV kit.
2) Apply +3V to the SHDN control input.
3) Turn on the DC supply. The supply current should
read about 8mA.
4) Connect the VCO output to a spectrum analyzer
with a 50
Ω coaxial cable.
5) Apply a variable DC voltage to the TUNE input
(+0.4V to +2.4V).
6) Check fMIN and fMAX on the spectrum analyzer by
varying the tuning voltage.
7) Check the output power level (-3dBm typ).
General Description
The MAX2622/MAX2623/MAX2624 evaluation kits
(EV kits) simplify evaluation of the MAX2622/MAX2623/
MAX2624 VCOs. These kits enable testing of the
devices’ RF performance and require no additional
support circuitry. The signal output uses an SMA con-
nector to facilitate the connection to RF test equipment.
Features
o Easy Evaluation of MAX2622/MAX2623/MAX2624
o +2.7V to +5.5V Single-Supply Operation
o RF Output Matched to 50Ω
o All Critical Peripheral Components Included
MAX2622/MAX2623/MAX2624 Evaluation Kits
________________________________________________________________ Maxim Integrated Products
1
19-1528; Rev 1; 5/00
SUPPLIER
PHONE
FAX
Murata Electronics
800-831-9172
814-238-0490
Component List
Taiyo Yuden
408-573-4150
408-573-4159
PART
MAX2622EVKIT
MAX2623EVKIT
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
IC-PACKAGE
8 µMAX
8 µMAX
Ordering Information
Component Suppliers
MAX2622EUA, MAX2623EUA, or
MAX2624EUA
1
U1
3-pin headers
4
JU1
SMA connector (PC edge mount)
EFJohnson 142-0701-801 or
Digi-Key J502-ND
1
OUT
1k
Ω ±5% resistors (0603)
2
R1, R2
0
Ω resistor (0603)
1
C6
220pF ±5% ceramic capacitors (0603)
Murata GRM39COH0G221J50
4
C2, C3, C4, C8
DESCRIPTION
QTY
DESIGNATION
MAX2624EVKIT
-40°C to +85°C
8 µMAX
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
0.1µF ±5% ceramic capacitor (0603)
Taiyo Yuden EMK107BJ104KA
1
C7
NOTE: Please indicate that you are using the MAX2622,
MAX2623, or MAX2624 when contacting these component
suppliers.


Similar Part No. - MAX2623

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2623EUA MAXIM-MAX2623EUA Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2623EUA MAXIM-MAX2623EUA Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
More results

Similar Description - MAX2623

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2654EVKIT MAXIM-MAX2654EVKIT Datasheet
353Kb / 9P
   2.7V to 5.5V Single-Supply Operation Evaluation Kits
Rev 0; 1/01
MAX97003EVKIT MAXIM-MAX97003EVKIT Datasheet
2Mb / 14P
   2.7V to 5.5V Single-Supply Operation
19-6217; Rev 0; 2/12
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX2750EVKIT MAXIM-MAX2750EVKIT Datasheet
113Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 10/00
Intersil Corporation
Intersil Corporation
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
Maxim Integrated Products
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
   Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
   2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
   2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz