Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3371SB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN3371SB
Description  2-head recording/playback amplifier IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3371SB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN3371SB Datasheet HTML 1Page - Panasonic Semiconductor AN3371SB Datasheet HTML 2Page - Panasonic Semiconductor AN3371SB Datasheet HTML 3Page - Panasonic Semiconductor AN3371SB Datasheet HTML 4Page - Panasonic Semiconductor AN3371SB Datasheet HTML 5Page - Panasonic Semiconductor AN3371SB Datasheet HTML 6Page - Panasonic Semiconductor AN3371SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN3371SB
ICs for VCR
2
s Pin Descriptions
Pin No.
Description
19
ZAP2 (ZAP write pin)
20
ZAP3 (ZAP write pin)
21
ZAP4 (ZAP write pin)
22
N.C.
23
N.C.
24
N.C.
25
D-REC-H input pin
26
N.C.
27
N.C.
28
Main GND
29
N.C
30
REC input / PB output pin
31
PB-L input pin
32
N.C.
33
N.C.
34
N.C.
35
VCC (12 V)
36
Capacitor for PB 5 V
Pin No.
Description
1
HSW input pin
2N.C.
3
Channel-1 head amp. damping
4
Channel-1 head amp. input
5
Small signal GND
6
Channel-2 head amp. input
7
Channel-2 head amp. damping
8N.C.
9N.C.
10
N.C.
11
N.C.
12
N.C.
13
ZAP1 (ZAP write pin)
14
N.C
15
N.C.
16
N.C.
17
REC feedback
18
REC amp. output
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
13
V
Supply current
ICC
mA
Power dissipation *
2
PD
440
mW
Operating ambient temperature *
1
Topr
−20 to +70
°C
Storage temperature *
1
Tstg
−55 to +125
°C
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is for the IC package in free air at Ta = 70°C.
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
11.5 to 12.5
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AN3328S 2-head recording and playback amplifier IC A2 for HiFi VCR 1  2  3  4  5  More Panasonic Semiconductor
AN3358SH 2-head recording and playback amplifier IC for 8 mm video camera 1  2  3  4  5  More Panasonic Semiconductor
AN3375S 2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR 1  2  3  4  5  More Panasonic Semiconductor
STV5722A 2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1  2  3  4  5  STMicroelectronics
STV5726A 2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1  2  3  4  5  More STMicroelectronics
STV5742 2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR 1  2  3  4  5  More STMicroelectronics
STV5715 ADVANCED 2-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR 1  2  3  4  5  More STMicroelectronics
MSA-0505 Cascadable Silicon Bipolar MMIC Amplifier 1  2  3  4  Agilent(Hewlett-Packard)
M68701 SILICON MOS FET POWER AMPLIFIER 820-851MHz 6W FM PORTABLE RADIO 1  2  3  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn